Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB5MMG Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32WB5MMG
Description  Bluetooth® Low Energy 5.0 and 802.15.4 module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB5MMG Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32WB5MMG Datasheet HTML 15Page - STMicroelectronics STM32WB5MMG Datasheet HTML 16Page - STMicroelectronics STM32WB5MMG Datasheet HTML 17Page - STMicroelectronics STM32WB5MMG Datasheet HTML 18Page - STMicroelectronics STM32WB5MMG Datasheet HTML 19Page - STMicroelectronics STM32WB5MMG Datasheet HTML 20Page - STMicroelectronics STM32WB5MMG Datasheet HTML 21Page - STMicroelectronics STM32WB5MMG Datasheet HTML 22Page - STMicroelectronics STM32WB5MMG Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
SiP-LGA86 package information
This SiP-LGA is a 86 pin, 7.3 x 11mm, system in package land grid array package.
Figure 12. SiP-LGA86 - Outline
bbb C
B
A
aaa (4x)
SIDE VIEW
BOTTOM VIEW
A
A1
DETAIL A
SPsw
D2
S
M
SPts
PIN A1 CORNER
E
D3
E
eE
D
D1 eD
G2
G1
F1
F2
F3
F3
F4
G4
(x2)b1xb1
G3
A1 CORNER
(x56)b2xb3
(x24)b4xb4
F2
(x4)b2xb2
TOP VIEW
H1
H2
A2
DETAIL A
E1
1.
Drawing is not to scale.
STM32WB5MMG
Package information
DS13252 - Rev 1
page 19/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com