Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU7TR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STM32WB55CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU7TR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STM32WB55CEU7TR Datasheet HTML 9Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 10Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 11Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 12Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 13Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 14Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 15Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 16Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 193 page
background image
DS11929 Rev 10
13/193
STM32WB55xx STM32WB35xx
Description
57
2
Description
The STM32WB55xx and STM32WB35xx multiprotocol wireless and ultra-low-power
devices embed a powerful and ultra-low-power radio compliant with the Bluetooth® Low
Energy SIG specification v5.0 and with IEEE 802.15.4-2011. They contain a dedicated Arm®
Cortex® -M0+ for performing all the real-time low layer operation.
The devices are designed to be extremely low-power and are based on the high-
performance Arm® Cortex®-M4 32-bit RISC core operating at a frequency of up to 64 MHz.
This core features a Floating point unit (FPU) single precision that supports all Arm®
single-precision data-processing instructions and data types. It also implements a full set of
DSP instructions and a memory protection unit (MPU) that enhances application security.
Enhanced inter-processor communication is provided by the IPCC with six bidirectional
channels. The HSEM provides hardware semaphores used to share common resources
between the two processors.
The devices embed high-speed memories (up to 1 Mbyte of Flash memory for
STM32WB55xx, up to 512 Kbytes for STM32WB35xx, up to 256 Kbytes of SRAM for
STM32WB55xx, 96 Kbytes for STM32WB35xx), a Quad-SPI Flash memory interface
(available on all packages) and an extensive range of enhanced I/Os and peripherals.
Direct data transfer between memory and peripherals and from memory to memory is
supported by fourteen DMA channels with a full flexible channel mapping by the DMAMUX
peripheral.
The devices feature several mechanisms for embedded Flash memory and SRAM: readout
protection, write protection and proprietary code readout protection. Portions of the memory
can be secured for Cortex® -M0+ exclusive access.
The two AES encryption engines, PKA and RNG enable lower layer MAC and upper layer
cryptography. A customer key storage feature may be used to keep the keys hidden.
The devices offer a fast 12-bit ADC and two ultra-low-power comparators associated with a
high accuracy reference voltage generator.
These devices embed a low-power RTC, one advanced 16-bit timer, one general-purpose
32-bit timer, two general-purpose 16-bit timers, and two 16-bit low-power timers.
In addition, up to 18 capacitive sensing channels are available for STM32WB55xx (not on
UFQFPN48 package). The STM32WB55xx also embed an integrated LCD driver up to 8x40
or 4x44, with internal step-up converter.
The STM32WB55xx and STM32WB35xx also feature standard and advanced
communication interfaces, namely one USART (ISO 7816, IrDA, Modbus and Smartcard
mode), one low- power UART (LPUART), two I2Cs (SMBus/PMBus), two SPIs (one for
STM32WB35xx) up to 32 MHz, one serial audio interface (SAI) with two channels and three
PDMs, one USB 2.0 FS device with embedded crystal-less oscillator, supporting BCD and
LPM and one Quad-SPI with execute-in-place (XIP) capability.
The STM32WB55xx and STM32WB35xx operate in the -40 to +105 °C (+125 °C junction)
and -40 to +85 °C (+105 °C junction) temperature ranges from a 1.71 to 3.6 V power supply.
A comprehensive set of power-saving modes enables the design of low-power applications.
The devices include independent power supplies for analog input for ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com