Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU7TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32WB55CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU7TR Datasheet(HTML) 2 Page - STMicroelectronics

  STM32WB55CEU7TR Datasheet HTML 1Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 2Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 3Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 4Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 5Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 6Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 7Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 8Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 193 page
background image
STM32WB55xx STM32WB35xx
2/193
DS11929 Rev 10
– Internal multispeed 100 kHz to 48 MHz
oscillator, auto-trimmed by LSE (better than
±0.25% accuracy)
– High speed internal 16 MHz factory
trimmed RC (±1%)
– 2x PLL for system clock, USB, SAI and
ADC
 Memories
– Up to 1 MB Flash memory with sector
protection (PCROP) against R/W
operations, enabling authentic Bluetooth®
Low Energy and 802.15.4 SW stack
– Up to 256 KB SRAM, including 64 KB with
hardware parity check
– 20x32-bit backup register
– Boot loader supporting USART, SPI, I2C
and USB interfaces
– OTA (over the air) Bluetooth® Low Energy
and 802.15.4 update
– Quad SPI memory interface with XIP
– 1 Kbyte (128 double words) OTP
 Rich analog peripherals (down to 1.62 V)
– 12-bit ADC 4.26 Msps, up to 16-bit with
hardware oversampling, 200 µA/Msps
– 2x ultra-low-power comparator
– Accurate 2.5 V or 2.048 V reference
voltage buffered output
 System peripherals
– Inter processor communication controller
(IPCC) for communication with Bluetooth®
Low Energy and 802.15.4
– HW semaphores for resources sharing
between CPUs
– 2x DMA controllers (7x channels each)
supporting ADC, SPI, I2C, USART, QSPI,
SAI, AES, timers
– 1x USART (ISO 7816, IrDA, SPI Master,
Modbus and Smartcard mode)
– 1x LPUART (low power)
– 2x SPI 32 Mbit/s
– 2x I2C (SMBus/PMBus)
– 1x SAI (dual channel high quality audio)
– 1x USB 2.0 FS device, crystal-less, BCD
and LPM
– Touch sensing controller, up to 18 sensors
– LCD 8x40 with step-up converter
– 1x 16-bit, four channels advanced timer
– 2x 16-bit, two channels timer
– 1x 32-bit, four channels timer
– 2x 16-bit ultra-low-power timer
– 1x independent Systick
– 1x independent watchdog
– 1x window watchdog
 Security and ID
– Secure firmware installation (SFI) for
Bluetooth® Low Energy and 802.15.4 SW
stack
– 3x hardware encryption AES maximum
256-bit for the application, the Bluetooth®
Low Energy and IEEE802.15.4
– Customer key storage / key manager
services
– HW public key authority (PKA)
– Cryptographic algorithms: RSA,
Diffie-Helman, ECC over GF(p)
– True random number generator (RNG)
– Sector protection against R/W operation
(PCROP)
– CRC calculation unit
– Die information: 96-bit unique ID
– IEEE 64-bit unique ID. Possibility to derive
802.15.4 64-bit and Bluetooth® Low Energy
48-bit EUI
 Up to 72 fast I/Os, 70 of them 5 V-tolerant
 Development support
– Serial wire debug (SWD), JTAG for the
application processor
– Application cross trigger with input / output
– Embedded Trace Macrocell™ for
application
 All packages are ECOPACK2 compliant
Table 1. Device summary
Reference
Part numbers
STM32WB55xx
STM32WB55CC, STM32WB55CE, STM32WB55CG, STM32WB55RC, STM32WB55RE, STM32WB55RG,
STM32WB55VC, STM32WB55VE, STM32WB55VG, STM32WB55VY
STM32WB35xx
STM32WB35CC, STM32WB35CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com