Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB55CEU7TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WB55CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB55CEU7TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WB55CEU7TR Datasheet HTML 17Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 18Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 19Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 20Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 21Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 22Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 23Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 24Page - STMicroelectronics STM32WB55CEU7TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 193 page
background image
DS11929 Rev 10
21/193
STM32WB55xx STM32WB35xx
Functional overview
57
3.3.4
Embedded SRAM
The STM32WB55xx devices feature up to 256 Kbytes of embedded SRAM, split in three
blocks:
SRAM1: up to 192 Kbytes mapped at address 0x2000 0000
SRAM2a: 32 Kbytes located at address 0x2003 0000 (contiguous to SRAM1) also
mirrored at 0x1000 0000, with hardware parity check (this SRAM can be retained in
Standby mode)
SRAM2b: 32 Kbytes located at address 0x2003 8000 (contiguous with SRAM2a) and
mirrored at 0x1000 8000 with hardware parity check
The STM32WB35xx devices feature 96 Kbytes of embedded SRAM, split in three blocks:
SRAM1: 32 Kbytes mapped at address 0x2000 0000
SRAM2a: 32 Kbytes located at address 0x2003 0000 (contiguous to SRAM1) also
mirrored at 0x1000 0000, with hardware parity check (this SRAM can be retained in
Standby mode)
SRAM2b: 32 Kbytes located at address 0x2003 8000 (contiguous with SRAM2a) and
mirrored at 0x1000 8000 with hardware parity check
SRAM2a and SRAM2b can be write-protected, with 1-Kbyte granularity. A section of the
SRAM2a and SRAM2b is secured for the RF sub-system and cannot be accessed by the
host CPU1.
The SRAMs can be accessed in read/write with 0 wait states for all CPU1 and CPU2 clock
speeds.
3.4
Security and safety
The STM32WB55xx and STM32WB35xx contain many security blocks both for the BLE or
IEEE 802.15.4 and the Host application.
It includes:
Customer storage of the BLE and 802.15.4 keys
Secure Flash memory partition for RF subsystem-only access
Secure SRAM partition, that can be accessed only by the RF subsystem
True random number generator (RNG)
Advance encryption standard hardware accelerators (AES-128bit and AES-256bit,
supporting chaining modes ECB, CBC, CTR, GCM, GMAC, CCM)
Private key acceleration (PKA) including:
–
Modular arithmetic including exponentiation with maximum modulo size of 3136
bits
–
Elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA
verification with maximum modulo size of 521 bits
Cyclic redundancy check calculation unit (CRC)
A specific mechanism is in place to ensure that all the code executed by the RF subsystem
CPU2 can be secure, whatever the Host application. For the AES1 a customer key can be
managed by the CPU2 and used by the CPU1 to encrypt/decrypt data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com