Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU7TR Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32WB35CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU7TR Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32WB35CEU7TR Datasheet HTML 65Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 66Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 67Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 68Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 69Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 70Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 71Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 72Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 193 page
background image
DS11929 Rev 10
69/193
STM32WB55xx STM32WB35xx
Pinouts and pin description
80
46 66
F5
A2
PB6
I/O FT_fla
-
LPTIM1_ETR, I2C1_SCL,
USART1_TX, TSC_G2_IO3,
LCD_SEG6, SAI1_FS_B,
TIM16_CH1N, MCO,
CM4_EVENTOUT
COMP2_INP
47 67 D7
C3
PB7
I/O FT_fla
-
LPTIM1_IN2, TIM1_BKIN,
I2C1_SDA, USART1_RX,
TSC_G2_IO4, LCD_SEG21,
TIM17_CH1N,
CM4_EVENTOUT
COMP2_INM, PVD_IN
-
-
-
J5
VSS
S
-
-
-
-
-
-
-
J7
VSS
S
-
-
-
-
-
-
-
J9
VSS
S
-
-
-
-
-
-
-
B8
VSS_DCAP4
S
-
-
-
-
48 68 A10
-
VDD
S
-
-
-
-
-
-
-
A8
VDD_DCAP4
S
-
-
-
-
-
-
-
F2
VDD_DCAP1
S
-
-
-
-
-
-
-
J12
VDD_DCAP3
S
-
-
-
-
-
-
-
N7
VDD_DCAP2
S
-
-
-
-
1. PC13, PC14 and PC15 are supplied through the power switch. As this switch only sinks a limited amount of current (3 mA),
the use of the PC13, PC14 and PC15 GPIOs in output mode is limited:
- the speed must not exceed 2 MHz with a maximum load of 30 pF
- these GPIOs must not be used as current sources (e.g. to drive a LED).
2. After a Backup domain power-up, PC13, PC14 and PC15 operate as GPIOs. Their function then depends on the content of
the RTC registers that are not reset by the system reset. For details on how to manage these GPIOs, refer to the Backup
domain and RTC register descriptions in the reference manual RM0434, available on www.st.com.
3. The clock on LSCO is available in Run and Stop modes, and on PA2 in Standby and Shutdown modes.
4. On UFQFPN48 VDDA is connected to VREF+.
5. RF pin, use the nominal PCB layout.
6. 32 MHz oscillator pins, use the nominal PCB layout according to reference design (see AN5165).
7. Reserved, must be kept unconnected.
8. High frequency (above 32 kHz) may impact the RF performance. Set output speed GPIOB_OSPEEDRy[1:0] to 00 (y = 0 and
1) during RF operation.
9. After reset these pins are configured as JTAG/SW debug alternate functions, and the internal pull-up on PA15, PA13 and
PB4 pins and the internal pull-down on PA14 pin are activated.
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com