Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU7TR Datasheet(PDF) 33 Page - STMicroelectronics

Part # STM32WB35CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU7TR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STM32WB35CEU7TR Datasheet HTML 29Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 30Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 31Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 32Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 33Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 34Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 35Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 36Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 193 page
background image
DS11929 Rev 10
33/193
STM32WB55xx STM32WB35xx
Functional overview
57
The system clock after wakeup is 16 MHz, derived from the HSI16. If used, the SMPS
is restarted automatically.
In this mode the RF can be used.
Shutdown
The Shutdown mode allows to achieve the ultimate lowest power consumption. The
internal regulator is switched off so that the VCORE domain is powered off.
The RTC can remain active (Shutdown mode with RTC, Shutdown mode without RTC).
The BOR is not available in Shutdown mode. No power voltage monitoring is possible
in this mode, therefore the switch to Backup domain is not supported.
SRAM1, SRAM2a, SRAM2b and register contents are lost except for registers in the
Backup domain.
The device exits Shutdown mode when an external reset (NRST pin), a WKUP pin
event (configurable rising or falling edge), or an RTC event occurs (alarm, periodic
wakeup, timestamp, tamper).
The system clock after wakeup is 4 MHz, derived from the MSI.
In this mode the RF is no longer operational.
When the RF subsystem is active, it changes the power state according to its needs (Run,
Stop, Standby). This operation is transparent for the CPU1 host application and managed by
a dedicated HW state machine. At any given time the effective power state reached is the
higher one needed by both the CPU1 and RF sub-system.
Table 7 summarizes the peripheral features over all available modes. Wakeup capability is
detailed in gray cells.
Table 7. Features over all modes(1)
Peripheral(2)
Stop0/Stop1
Stop 2
Standby Shutdown
-
-
-
-
CPU1
Y
-
Y
-
-
--
--
--
--
CPU2
Y
-
Y
-
-
--
--
--
--
Radio system
(BLE, 802.15.4)
YY(3)
Y-
-
Y
YY
YY(4) Y(4)
Flash memory
Y (5)
YO(6) O(6)
R
-R
-R
-R
-R
SRAM1
Y
Y(7)
YY(7)
R
-R
--
--
--
SRAM2a
Y
Y(7)
YY(7)
R
-R
-R(8)
--
--
SRAM2b
Y
Y(7)
YY(7)
R
-R
--
--
--
Quad-SPI
O
O
O
O
-
--
--
--
--
Backup registers
Y
Y
Y
Y
R
-R
-R
-R
-R
Brown-out reset (BOR)
Y
Y
Y
Y
Y
YY
YY
Y-
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com