Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32WB35CEU7TR Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32WB35CEU7TR
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CEU7TR Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32WB35CEU7TR Datasheet HTML 92Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 93Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 94Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 95Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 96Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 97Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 98Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 99Page - STMicroelectronics STM32WB35CEU7TR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 193 page
background image
Electrical characteristics
STM32WB55xx STM32WB35xx
96/193
DS11929 Rev 10
6.3.5
Operating conditions at power-up / power-down
The parameters given in Table 34 are derived from tests performed under the ambient
temperature condition summarized in Table 24.
6.3.6
Embedded reset and power control block characteristics
The parameters given in Table 35 are derived from tests performed under the ambient
temperature conditions summarized in Table 24: General operating conditions.
Table 34. Operating conditions at power-up / power-down
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
-
-
∞
µs/V
VDD fall time rate
10
∞
tVDDA
VDDA rise time rate
-
0
∞
VDDA fall time rate
10
∞
tVDDUSB
VDDUSB rise time rate
-
0
∞
VDDUSB fall time rate
10
∞
tVDDRF
VDDRF rise time rate
-
-
∞
VDDRF fall time rate
-
∞
Table 35. Embedded reset and power control block characteristics
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
tRSTTEMPO(2)
Reset temporization after BOR0 is detected VDD rising
-
250
400
μs
VBOR0(2)
Brown-out reset threshold 0
Rising edge
1.62
1.66
1.70
V
Falling edge
1.60
1.64
1.69
VBOR1
Brown-out reset threshold 1
Rising edge
2.06
2.10
2.14
Falling edge
1.96
2.00
2.04
VBOR2
Brown-out reset threshold 2
Rising edge
2.26
2.31
2.35
Falling edge
2.16
2.20
2.24
VBOR3
Brown-out reset threshold 3
Rising edge
2.56
2.61
2.66
Falling edge
2.47
2.52
2.57
VBOR4
Brown-out reset threshold 4
Rising edge
2.85
2.90
2.95
Falling edge
2.76
2.81
2.86
VPVD0
Programmable voltage detector threshold 0
Rising edge
2.10
2.15
2.19
Falling edge
2.00
2.05
2.10
VPVD1
PVD threshold 1
Rising edge
2.26
2.31
2.36
Falling edge
2.15
2.20
2.25
VPVD2
PVD threshold 2
Rising edge
2.41
2.46
2.51
Falling edge
2.31
2.36
2.41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com