| Electronic Components Datasheet Search |
|
STM32WLE5CCU6TR Datasheet(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCU6TR Datasheet(HTML) 96 Page - STMicroelectronics |
|
96 / 145 page ![]() Electrical characteristics STM32WLE5/E4xx 96/145 DS13105 Rev 8 For more information about the trimming methodology of the oscillator, refer to the application note HSE trimming for STM32 wireless MCUs (AN5042). TCXO regulator Low-speed external user clock generated from an external source The low-speed external (LSE) clock can be supplied with a 32.768 kHz crystal resonator oscillator. The information provided in this section is based on design simulation results obtained with typical external components specified in the table below. In the application, Table 57. HSE32 oscillator characteristics Symbol Parameter Conditions Min Typ Max Unit tSUA(HSE) Startup time for 80% amplitude stabilization VDDRF stabilized, SUBGHZ_HSEINTRIMR = 0x12, -40 to +105 °C temperature range -1000- µs tSUR(HSE) Startup time for HSEREADY signal VDDRF stabilized, SUBGHZ_HSEINTRIMR = 0x12, -40 to +105 °C temperature range - 180 - IDDRF(HSE) HSE32 current consumption HSEGMC = 000, SUBGHZ_HSEINTRIMR = 0x12 -50 - µA XOTg(HSE) SUBGHZ_HSEINTRIMR granularity Capacitor bank -1 5 ppm XOTfp(HSE) SUBGHZ_HSEINTRIMR frequency pulling ±15 ±30 - XOTnb(HSE) SUBGHZ_HSEINTRIMR number of tuning bits -6- bit XOTst(HSE) SUBGHZ_HSEINTRIMR setting time -- 0.1 ms Table 58. HSE32 TCXO regulator characteristics Symbol Parameter Conditions Min Typ Max Unit VTCXO Regulated voltage range for TCXO voltage supply VDDOP > VTCXO + 200 mV 1.6 1.7 3.3 V ILTCXO Load current for TCXO regulator - - 1.5 4 mA TSVTCXO Startup time for TCXO regulator From enable to regulated voltage within 25 mV from target - - 50 µs IDDTCXO Current consumption for TCXO regulator Quiescent current - - 70 µA Relative to load current - 1.6 2 % ATCXO Amplitude voltage for external TCXO applied to OSC_IN pin Provided through a 220 Ω resistor in series with a capacitance (voltage divider)(1) 0.4 0.6 1.2 Vpk-pk 1. In order to minimize spurious injection, the capacitance value must be calculated such that an amplitude of 0.4 to 0.5 Vpk-pk on OSC_IN is obtained. For TCXO output voltage of 0.8 Vpk-pk, 10 pF can be used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |