| Electronic Components Datasheet Search |
|
STM32WLE5CCU6TR Datasheet(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCU6TR Datasheet(HTML) 13 Page - STMicroelectronics |
|
13 / 145 page ![]() DS13105 Rev 8 13/145 STM32WLE5/E4xx Description 14 Communication interface SPI/I2S 2 (1 supporting I2S) I2C3 USART 2 LPUART 1 Watchdog Independent 1 Window 1 RTC (with wakeup counter) 1 DMA (7 channels) 2 Semaphores 1 Security AES 256 bits 1 RNG 1 PKA 1 PCROP, RDP, WRP 1 CRC 1 64-bit UID compliant with IEEE 802-2001 standard 1 96-bit die ID 1 Tamper pins 3 3 2 Wakeup pins 3 3 2 GPIOs 294322 ADC (number of channels, ext + int) 1 (9 + 4) 1 (12 + 4) 1 (8 + 4) DAC (number of channels) 1 (1) Internal VREFBUF No Yes No Analog comparator 2 Operating voltage 1.8 to 3.6 V Ambient operating temperature –40 °C to +105 °C / –40 °C to +85 °C (with radio) Junction temperature –40 °C to +125 °C / –40 °C to +105 °C Package UFQFPN48 (7 x 7 mm) UFBGA73 (5 x 5 mm) WLCSP59 Table 2. Main features and peripheral counts (continued) Feature STM32WLE5Cx STM32WLE4Cx STM32WLE5Jx STM32WLE4Jx STM32WLE5Ux STM32WLE4Ux |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |