| Electronic Components Datasheet Search |
|
STM32WLE5CCU6TR Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE5CCU6TR Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 145 page ![]() DS13105 Rev 8 21/145 STM32WLE5/E4xx Functional overview 48 Figure 4. Low output power PA 3.8.4 Receiver The receive chain comprises a differential low-noise amplifier (LNA), a down-converter to low-IF by mixer operation in quadrature configuration. The I and Q signals are low pass filtered and a Ʃ∆ ADC converts them into the digital domain. In the digital modem, the signals are decimated, further down converted and channel filtered. The demodulation is done according to the selected modulation scheme. The down mixing to low-IF is done by mixing the receive signal with the local RF-PLL located in the negative frequency, where -flo = -frf + -fif. (where flo is the local RF-PLL frequency, frf is the received signal and fif is the intermediate frequency). The wanted signal is located at frf = flo + fif. The receiver features automatic I and Q calibration, that improves image rejection. The calibration is done automatically at startup before using the receiver, and can be requested by command. The receiver supports LoRa, (G)MSK and (G)FSK modulations. 3.8.5 RF-PLL The RF-PLL is used as the frequency synthesizer for the generation of the local oscillator frequency (flo) for both transmit and receive chains. The RF-PLL uses auto calibration and uses the 32 MHz HSE32 reference. The sub-GHz radio covers all continuous frequencies in the range between 150 to 960 MHz. MSv62617V2 Note: Use of the SMPS is optional. When SMPS is not used, the BOM can be reduced by removing the coil between VLXSMPS and VFBSMPS pins. VLXSMPS VFBSMPS (1.55V) VDDPA VR_PA (up to 1.35V) RFO_LP LDO/SMPS REG PA LP PA LDO mode SMPS mode VDDSMPS (1.8 to 3.6V) VDD VLXSMPS VFBSMPS (1.55V) VDDPA VR_PA (up to 1.35V) RFO_LP LDO/SMPS REG PA VDD LP PA VDDSMPS (1.8 to 3.6V) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |