Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1926Y Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1926Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1926Y Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1926Y Datasheet HTML 1Page - IXYS Corporation CPC1926Y Datasheet HTML 2Page - IXYS Corporation CPC1926Y Datasheet HTML 3Page - IXYS Corporation CPC1926Y Datasheet HTML 4Page - IXYS Corporation CPC1926Y Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CPC1926Y
www.clare.com
3
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
35
30
25
20
15
10
5
0
1.260
1.265
1.270
1.275
1.280
LED Forward Voltage (V)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.25
1.23
1.27
35
30
25
20
15
10
5
0
265
269
273
267
271
275
Blocking Voltage (V)
277
2.0
2.4
2.8
1.8
2.2
2.6
Turn-On (ms)
25
20
15
10
5
0
0.017
0.021
0.025
0.015
0.019
0.023
Turn-Off (ms)
25
20
15
10
5
0
CPC1926Y
Typical Load Current vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-40
-20
0
20
40
60
80
120
100
IF = 20mA
IF = 10mA
CPC1926Y
Typical Leakage vs. Temperature at
Maximum Rated Voltage
(Measured across Pins 3 & 4)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
CPC1926Y
Blocking Voltage vs. Temperature
-40
-20
0
20
40
60
80
100
300
295
290
285
280
275
270
265
260
-40
-20
0
20
40
60
80
100
IF = 10mA
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0
IF = 20mA
CPC1926Y
Typical Turn-On vs. Temperature
(Load Current = 100 mADC)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
IF = 20mA
IF = 10mA
CPC1926Y
Typical Turn-Off vs. Temperature
(Load Current = 100 mADC)
CPC1926Y
Typical LED Forward Voltage Drop
vs. Temperature
IF = 50mA
IF = 10mA
IF = 20mA
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
CPC1926Y
Typical Turn-On vs.LED Forward Current
(Load Current = 100 mADC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45 50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com