Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1926Y Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1926Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1926Y Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1926Y Datasheet HTML 1Page - IXYS Corporation CPC1926Y Datasheet HTML 2Page - IXYS Corporation CPC1926Y Datasheet HTML 3Page - IXYS Corporation CPC1926Y Datasheet HTML 4Page - IXYS Corporation CPC1926Y Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1926Y
R02
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
CPC1926Y
Typical Turn-Off vs. LED Forward Current
(Load Current = 100 mADC)
LED Forward Current (mA)
0
5
10 15 20 25 30 35 40 45 50
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
CPC1926Y
Typical On-Resistance vs. Temperature
(Load Current = 100 mADC)
-40
-20
0
20
40
60
80
100
IF = 10mA
IF = 5mA
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
CPC1926Y
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mA)
-40
5.50
5.25
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
-20
0
20
40
60
80
100
Load Voltage (V)
-1.5
-1.0
-0.5
0.5
1.0
0
1.5
1.25
1.00
0.75
0.50
0.25
0.00
-0.25
-0.50
-0.75
-1.00
-1.25
CPC1926Y
Energy Rating Curve
(Free air, no heat sink)
Time
8
7
6
5
4
3
2
1
0
1ms
100ms
10s
10ms
1s
100s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com