Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC1926Y Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1926Y
Description  Power SIP Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1926Y Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1926Y Datasheet HTML 1Page - IXYS Corporation CPC1926Y Datasheet HTML 2Page - IXYS Corporation CPC1926Y Datasheet HTML 3Page - IXYS Corporation CPC1926Y Datasheet HTML 4Page - IXYS Corporation CPC1926Y Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.clare.com
DS-CPC1926Y-R02
1
CPC1926Y
Power SIP Relay
Part #
Description
CPC1926Y
Power SIP Package (25 per tube)
CPC1926Y
Units
Blocking Voltage
250
V
P
Load Current
0.7
A
rms
On-Resistance
1.4
Ω
Applications
Features
Description
Ordering Information
Pin Configuration
•
Industrial Controls
•
Motor Control
•
Robotics
•
Medical Equipment—Patient/Equipment Isolation
•
Instrumentation
•
Multiplexers
•
Data Acquisition
•
Electronic Switching
•
I/O Subsystems
•
Meters (Watt-Hour, Water, Gas)
•
IC Equipment
•
Home Appliances
•
Power SIP Package
•
Handle Load Currents Up to 0.7 A
rms
•
High Reliability
•
No Moving Parts
•
Low Drive Power Requirements (TTL/CMOS
Compatible)
•
Arc-Free With No Snubbing Circuits
•
2500V
rms Input/Output Isolation
•
No EMI/RFI Generation
•
Machine Insertable, Wave Solderable
Clare and IXYS have combined to bring OptoMOS®
technology, reliability and compact size to a new
family of high power solid state relays. As part of
that family, the CPC1926Y is a 1-Form-A solid state
relay. The CPC1926Y employs optically coupled
MOSFET technology to provide 2500V
rms of input
to output isolation. The efficient MOSFET switches
and photovoltaic die use Clare’s patented OptoMOS
architecture while the input is controlled by a highly
efficient GaAlAs infrared LED. The combination of
low on resistance and high load current handling
capabilities makes the relay suitable for a variety of
high performance switching applications.
CPC1926Y Pinout
Switching Characteristics of
Normally Open (Form A) Devices
Approvals
•
UL recognized component: File # E69938
•
Certified to: UL 508


Similar Part No. - CPC1926Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1926Y CLARE-CPC1926Y Datasheet
102Kb / 5P
Power SIP Relay
CPC1926Y CLARE-CPC1926Y Datasheet
117Kb / 6P
OptoMOS짰 Power SIP Relay
logo
IXYS Corporation
CPC1926Y IXYS-CPC1926Y Datasheet
107Kb / 6P
Arc-Free With No Snubbing Circuits
logo
Littelfuse
CPC1926Y LITTELFUSE-CPC1926Y Datasheet
177Kb / 6P
250V, 0.7Arms/ADC, Single-Pole Normally Open Power SIP Relay
11/18/2025
More results

Similar Description - CPC1926Y

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1906Y CLARE-CPC1906Y Datasheet
502Kb / 5P
Power SIP Relay
CPC1916Y CLARE-CPC1916Y Datasheet
467Kb / 5P
Power SIP Relay
CPC1973Y CLARE-CPC1973Y Datasheet
457Kb / 5P
Power SIP Relay
CPC1981Y CLARE-CPC1981Y Datasheet
409Kb / 5P
Power SIP Relay
CPC1906 CLARE-CPC1906 Datasheet
102Kb / 5P
Power SIP Relay
CPC1916 CLARE-CPC1916 Datasheet
102Kb / 5P
Power SIP Relay
CPC1926 CLARE-CPC1926 Datasheet
102Kb / 5P
Power SIP Relay
CPC1726 CLARE-CPC1726_10 Datasheet
117Kb / 6P
DC Power SIP Relay
CPC1906 CLARE-CPC1906_10 Datasheet
117Kb / 6P
Power SIP OptoMOS짰 Relay
CPC1983 CLARE-CPC1983 Datasheet
114Kb / 6P
OptoMOS짰 Power SIP Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com