Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF602IDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button BUF602IDBVT Datasheet HTML 3Page - Texas Instruments BUF602IDBVT Datasheet HTML 4Page - Texas Instruments BUF602IDBVT Datasheet HTML 5Page - Texas Instruments BUF602IDBVT Datasheet HTML 6Page - Texas Instruments BUF602IDBVT Datasheet HTML 7Page - Texas Instruments BUF602IDBVT Datasheet HTML 8Page - Texas Instruments BUF602IDBVT Datasheet HTML 9Page - Texas Instruments BUF602IDBVT Datasheet HTML 10Page - Texas Instruments BUF602IDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = +3.3V
BUF602
SBOS339 – OCTOBER 2005
Boldface limits are tested at +25
°C.
At R
L = 100Ω, unless otherwise noted.
BUF602ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
TEST LEVEL(1)
AC PERFORMANCE
Bandwidth
VO = 500mVPP
600
320
320
310
MHz
min
B
Full Power Bandwidth
VO = 1VPP
520
MHz
typ
C
Bandwidth for 0.1dB Flatness
VO = 500mVPP
110
MHz
typ
C
Slew Rate
VO = 1.4V Step
800
650
600
600
V/
µs
min
B
Rise Time and Fall Time
VO = 0.2V Step
580
1100
1100
1150
ps
max
B
Settling Time to 0.05%
VO = 1V Step
6.5
ns
typ
C
Harmonic Distortion
VO = 1VPP, 5MHz
2nd-Harmonic
RL = 100Ω
–59
–49
–49
–48
dBc
max
B
RL = 500Ω
–76
–61
–57
–53
dBc
max
B
3rd-Harmonic
RL = 100Ω
–70
–51
–48
–44
dBc
max
B
RL = 500Ω
–63
–51
–48
–44
dBc
max
B
Input Voltage Noise
f > 100kHz
4.9
5.2
5.7
6.1
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
2.2
2.7
2.8
2.9
pA/
√Hz
max
B
BUFFER DC PERFORMANCE(4)
Maximum Gain
RL = 500Ω
0.99
1
1
1
V/V
max
A
Minimum Gain
RL = 500Ω
0.99
0.98
0.98
0.98
V/V
min
A
Input Offset Voltage
±16
±30
±36
±38
mV
max
A
Average Input Offset Voltage Drift
±125
±125
µV/°C
max
B
Input Bias Current
±3
±7
±8
±8.5
µA
max
A
Average Input Bias Current Drift
±20
±20
nA/
°C
max
B
BUFFER INPUT
Input Impedance
1.0 || 2.1
M
Ω || pF
typ
C
BUFFER OUTPUT
Most Positive Output Voltage
RL = 100Ω
+2.1
+2.0
+2.0
+2.0
V
min
B
RL = 500Ω
+2.3
+2.2
+2.2
+2.2
V
min
A
Least Positive Output Voltage
RL = 100Ω
+1.2
+1.3
+1.3
+1.3
V
max
B
RL = 500Ω
+1.0
+1.1
+1.1
+1.1
V
max
A
Output Current (Continuous)
VO = 0
±60
±50
±49
±48
mA
min
A
Peak Output Current
±100
mA
typ
C
Closed-Loop Output Impedance
f
≤ 10MHz
1.4
Ω
typ
C
MID-POINT REFERENCE OUTPUT
Maximum Mid Supply Reference Voltage
1.65
1.72
1.72
1.72
V
max
A
Minimum Mid Supply Reference Voltage
1.65
1.58
1.58
1.58
V
min
A
Mid Supply Output Current, Sourcing
500
µA
typ
C
Mid Supply Output Current, Sinking
60
µA
typ
C
Mid Supply Output Impedance
200
Ω
typ
C
POWER SUPPLY
Specified Operating Voltage
+3.3
V
typ
C
Maximum Operating Voltage
+12.6
+12.6
+12.6
V
max
A
Minimum Operating Voltage
+2.8
+2.8
+2.8
V
min
B
Maximum Quiescent Current
VS = +3.3V
5.0
5.5
6.0
6.3
mA
max
A
Minimum Quiescent Current
VS = +3.3V
5.0
4.5
4.2
3.8
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
50
44
42
41
dB
min
A
(1)
Test levels: (A) 100% tested at 25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. ©) Typical value only for information.
(2)
Junction temperature = ambient for 25
°C specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient + 2
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com