Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUF602IDBVT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BUF602IDBVT
Description  High-Speed, Closed-Loop Buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF602IDBVT Datasheet(HTML) 3 Page - Texas Instruments

  BUF602IDBVT Datasheet HTML 1Page - Texas Instruments BUF602IDBVT Datasheet HTML 2Page - Texas Instruments BUF602IDBVT Datasheet HTML 3Page - Texas Instruments BUF602IDBVT Datasheet HTML 4Page - Texas Instruments BUF602IDBVT Datasheet HTML 5Page - Texas Instruments BUF602IDBVT Datasheet HTML 6Page - Texas Instruments BUF602IDBVT Datasheet HTML 7Page - Texas Instruments BUF602IDBVT Datasheet HTML 8Page - Texas Instruments BUF602IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±5V
BUF602
SBOS339 – OCTOBER 2005
Boldface limits are tested at +25
°C.
At R
L = 100Ω, unless otherwise noted.
BUF602ID, IDBV
TYP
MIN/MAX OVER TEMPERATURE
0
°C to
–40
°C to
MIN/
PARAMETER
CONDITIONS
+25
°C
+25
°C(2)
70
°C(3)
+85
°C(3)
UNITS
MAX
TEST LEVEL(1)
AC PERFORMANCE
(See figure 30)
Bandwidth
VO = 500mVPP
1000
560
550
540
MHz
min
B
VO = 1VPP
920
MHz
typ
C
Full Power Bandwidth
VO = 5VPP
880
MHz
typ
C
Bandwidth for 0.1dB Flatness
VO = 500mVPP
240
MHz
typ
C
Slew Rate
VO = 5V Step
8000
7000
6000
5000
V/
µs
min
B
Rise Time and Fall Time
VO = 0.2V Step
350
625
640
650
ps
max
B
Settling Time to 0.05%
VO = 1V Step
6
ns
typ
C
Harmonic Distortion
VO = 2VPP, 5MHz
2nd-Harmonic
RL = 100Ω
–57
–44
–44
–42
dBc
max
B
RL = 500Ω
–76
–63
–62
–60
dBc
max
B
3rd-Harmonic
RL = 100Ω
–68
–63
–63
–63
dBc
max
B
RL = 500Ω
–98
–85
–84
–82
dBc
max
B
Input Voltage Noise
f > 100kHz
4.8
5.1
5.6
6.0
nV/
√Hz
max
B
Input Current Noise
f > 100kHz
2.1
2.6
2.7
2.8
pA/
√Hz
max
B
Differential Gain
NTSC, RL = 150Ω to 0V
0.15
%
typ
C
Differential Phase
NTSC, RL = 150Ω to 0V
0.04
°
typ
C
BUFFER DC PERFORMANCE(4)
Maximum Gain
RL = 500Ω
0.99
1
1
1
V/V
max
A
Minimum Gain
RL = 500Ω
0.99
0.98
0.98
0.98
V/V
min
A
Input Offset Voltage
±16
±30
±36
±38
mV
max
A
Average Input Offset Voltage Drift
±125
±125
µV/°C
max
B
Input Bias Current
±3
±7
±8
±8.5
µA
max
A
Average Input Bias Current Drift
±20
±20
nA/
°C
max
B
BUFFER INPUT
Input Impedance
1.0 || 2.1
M
Ω || pF
typ
C
BUFFER OUTPUT
Output Voltage Swing
RL = 100Ω
±3.8
±3.7
±3.7
±3.7
V
min
B
RL = 500Ω
±4.0
±3.8
±3.8
±3.8
V
min
A
Output Current (Continuous)
VO = 0V
±60
±50
±49
±48
mA
min
A
Peak Output Current
VO = 0V
±350
mA
typ
C
Closed-Loop Output Impedance
f
≤ 10MHz
1.4
Ω
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage
±6.3
±6.3
±6.3
V
max
A
Minimum Operating Voltage
±1.4
±1.4
±1.4
V
min
B
Maximum Quiescent Current
VS = ±5V
5.8
6.3
6.9
7.2
mA
max
A
Minimum Quiescent Current
VS = ±5V
5.8
5.3
4.9
4.3
mA
min
A
Power-Supply Rejection Ratio (+PSRR)
54
48
46
45
dB
min
A
(1)
Test levels: (A) 100% tested at 25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. ©) Typical value only for information.
(2)
Junction temperature = ambient for 25
°C specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient + 8
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of node.
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com