Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83241 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP83241 Datasheet HTML 1Page - National Semiconductor (TI) DP83241 Datasheet HTML 2Page - National Semiconductor (TI) DP83241 Datasheet HTML 3Page - National Semiconductor (TI) DP83241 Datasheet HTML 4Page - National Semiconductor (TI) DP83241 Datasheet HTML 5Page - National Semiconductor (TI) DP83241 Datasheet HTML 6Page - National Semiconductor (TI) DP83241 Datasheet HTML 7Page - National Semiconductor (TI) DP83241 Datasheet HTML 8Page - National Semiconductor (TI) DP83241 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TLF10385
February 1991
DP83241 CDD
TM Device
(FDDI Clock Distribution Device)
General Description
The CDD device is a clock generation and distribution de-
vice intended for use in FDDI (Fiber Distributed Data Inter-
face) networks The device provides the complete set of
clocks required to convert byte wide data to serial format for
fiber medium transmission and to move byte wide data be-
tween the PLAYERTM and BMACTM devices in various sta-
tion configurations 125 MHz and 125 MHz differential ECL
clocks are generated for the conversion of data to serial
format and 125 MHz and 25 MHz TTL clocks are generated
for the byte wide data transfers
Features
Y
Provides 125 MHz and 25 MHz TTL clocks
Y
125 MHz and 125 MHz ECL clocks
Y
5 phase TTL local byte clocks eliminate clock
skew problems in concentrators
Y
Internal VCO requires no varactors coils or
adjustments
Y
Option for use of High Q external VCO
Y
125 MHz clock generated from a 125 MHz crystal
Y
External PLL synchronizing reference for
concentrator configurations
Y
28-pin PLCC package
Y
BiCMOS processing
TLF10385 – 1
FIGURE 1-1 FDDI Chip Set Block Diagram
TRI-STATE
is a registered trademark of National Semiconductor Corporation
BMACTM BSITM CDDTM CRDTM and PLAYERTM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DP83241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
CDL Twisted Pair FDDI Transceiver Device
DP83222 NSC-DP83222 Datasheet
179Kb / 12P
CYCLONE Twisted Pair FDDI Stream Cipher Device
DP83223 NSC-DP83223 Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
DP83223V NSC-DP83223V Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
DP83223VBE NSC-DP83223VBE Datasheet
93Kb / 14P
TWISTER High Speed Networking Transceiver Device
More results

Similar Description - DP83241

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83256 NSC-DP83256 Datasheet
996Kb / 144P
PLAYERa??Device (FDDI Physical Layer Controller)
DP83265BSI NSC-DP83265BSI Datasheet
2Mb / 77P
BSI??Device (FDDI System Interface)
logo
NXP Semiconductors
PTN1111 PHILIPS-PTN1111 Datasheet
53Kb / 5P
1:10 PECL clock distribution device
2001 Jun 19
PTN2111 PHILIPS-PTN2111 Datasheet
64Kb / 8P
1:10 LVDS clock distribution device
2001 Jun 19
PCK3807A PHILIPS-PCK3807A Datasheet
127Kb / 13P
1:10 LVTTL clock distribution device
2004 Aug 27
logo
National Semiconductor ...
DP83261 NSC-DP83261 Datasheet
1Mb / 132P
BMAC Device (FDDI Media Access Controller)
DP83251 NSC-DP83251 Datasheet
657Kb / 96P
PLAYER Device (FDDI Physical Layer Controller)
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
CDL Twisted Pair FDDI Transceiver Device
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
CRD Device (FDDI Clock Recovery Device)
DP83222 NSC-DP83222 Datasheet
179Kb / 12P
CYCLONE Twisted Pair FDDI Stream Cipher Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com