Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83241 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83241
Description  CDD Device (FDDI Clock Distribution Device)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83241 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button DP83241 Datasheet HTML 11Page - National Semiconductor (TI) DP83241 Datasheet HTML 12Page - National Semiconductor (TI) DP83241 Datasheet HTML 13Page - National Semiconductor (TI) DP83241 Datasheet HTML 14Page - National Semiconductor (TI) DP83241 Datasheet HTML 15Page - National Semiconductor (TI) DP83241 Datasheet HTML 16Page - National Semiconductor (TI) DP83241 Datasheet HTML 17Page - National Semiconductor (TI) DP83241 Datasheet HTML 18Page - National Semiconductor (TI) DP83241 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
50 Detailed Information (Continued)
The most conservative method for routing the ECL signals
to multiple loads is to use the F100115 Quad Low Skew
Driver This device takes a differential ECL signal and out-
puts four of the same differential signals with a skew be-
tween them of less than 75 ps Two of these devices will
allow the CDD device to drive four PLAYER devices This
setup allows the ECL signals to be routed in a point to point
configuration to each PLAYER device
As with any high speed signal the routing of the signal must
be carefully done Sharp corners and other changes in trace
impedance should be avoided to reduce reflections in high
speed signal traces Traces longer then one inch should
have a series or parallel termination scheme Further sys-
tem considerations can be found in National’s F100K De-
sign Guide If these methods are followed the DP83241 sig-
nals will be able to drive multiple DP8325155 PLAYER de-
vices without any problems
TLF10385 – 13
FIGURE 5-8 Proper Bus Line Termination and Connections
TLF10385 – 14
Parallel Termination
FIGURE 5-9 CDD Device Driving Four PLAYER Devices Using Two F100115 Quad Low Skew Drivers
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com