Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EAG1-R Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ZSC31015EAG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EAG1-R Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ZSC31015EAG1-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 20Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
© 2016 Integrated Device Technology, Inc
17
November 14, 2016
ZSC31015 Datasheet
)
T
_
Offset
Raw
_
T
(
T
_
Gain
T
Corrected Temperature Reading:
(5)
Where:
T_Raw
=
Raw Temperature reading converted from PTAT signal or external diode
Offset_T =
Offset Coefficient for Temperature
Gain_T
=
Gain Coefficient for Temperature
2.3.1.
EEPROM
The EEPROM contains the calibration coefficients for gain and offset, etc., and the configuration bits, such as
output mode, update rate, etc. The ZSC31015 also offers three user-programmable storage bytes for module
traceability. When programming the EEPROM, an internal charge pump voltage is used; therefore a high voltage
supply is not needed. The EEPROM is implemented as a shift register. During an EEPROM read, the contents
are shifted 8 bits before each transmission of one byte occurs. The charge pump is internally regulated to 12.5 V,
and the programming time is 6ms.
See section 2.6.1 regarding EEPROM signatures for verifying EEPROM integrity.
Note: EEPROM writing can only be performed at temperatures lower than 85ºC.
2.3.2.
One-Wire Interface
– ZACwire™
The IC communicates via a one-wire serial interface. There are different commands available for the following:
Reading the conversion result of the ADC (Get_BR_Raw, Get_T_Raw)
Calibration commands
Reading from the EEPROM (
“dump” of entire contents)
Writing to the EEPROM (trim setting, configuration, and coefficients)
2.4.
Output Stage
2.4.1.
Digital to Analog Converter (Output DAC) with Programmable Clipping Limits
A 12-bit DAC based on sub-ranging resistor strings is used for the digital-to-analog output conversion in the
analog ratiometric and absolute analog voltage modes. Options during calibration configure the system to operate
in either of these modes. The design allows for excellent testability as well as low power consumption. The DAC
allows programming a lower and upper clipping limit (Low_Clip_Lim and Up_Clip_Lim bit fields respectively; see
section 3.5) for the output signal (analog and digital). The internal 14-bit calculated bridge value is compared
against
the
14-bit
value
formed
by
{11,Up_Clip_Lim[6:0],11111}
for
the
upper
limit
and
against
{00,Low_Clip_Lim[6:0],00000} for the lower limit. If the calculated bridge value is higher than the upper limit or
less than the lower limit, the analog output value is clipped to this value; otherwise it is output as is.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com