Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EAG1-R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # ZSC31015EAG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EAG1-R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button ZSC31015EAG1-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 24Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 25Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 26Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 27Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 28Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 29Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 30Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
© 2016 Integrated Device Technology, Inc
27
November 14, 2016
ZSC31015 Datasheet
The ZSC31015 transmits 10-bit bytes (1 start bit, 8 data bits, 1 parity bit). During calibration and configuration,
transmissions are normally either A5HEX or data. A5HEX indicates successful completion of a command. There are
two different digital output modes configurable (digital output with temperature, and digital output with only bridge
data). During Normal Operation Mode, if the part is configured for digital output of the bridge reading, it first
transmits the high byte of bridge data, followed by the low byte. The bridge data is 14 bits in resolution, so the
upper two bits of the high byte are always zero-padded. There is a half stop bit time between bytes in a packet.
This means that for the time of a half a bit width, the signal level is high.
Figure 3.5
Digital Output (NOM) Bridge Readings
The second option for Digital Output Mode is digital output bridge reading with temperature. It will be transmitted
as 3 data packets. The temperature byte represents an 8-bit temperature quantity spanning from -50 to 150°C.
Figure 3.6
Digital Output (NOM) Bridge Readings with Temperature
The EEPROM transmission occurs in a packet with 20 data bytes, as shown in Figure 3.7.
2 DATA Byte Packet
(Digital Bridge Output)
P
7 6 5 4 3 2 1 0
Stop S
P
0 0 5 4 3 2 1 0
S
Data Byte
Bridge High
Data Byte
Bridge Low
S
P
2
Stop
Start Bit
Parity Bit of Data Byte
Data Bit (example: Bit 2)
32µs
3 DATA Byte Packet
(Digital Bridge Output with Temperature )
P
7 6 5 4 3 2 1 0
Stop S
P
0 0 5 4 3 2 1 0
S
Data Byte
Bridge High
Data Byte
Bridge Low
P
7 6 5 4 3 2 1 0
Stop S
Data Byte
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com