Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSC31015EAG1-R Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # ZSC31015EAG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EAG1-R Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button ZSC31015EAG1-R Datasheet HTML 22Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 23Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 24Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 25Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 26Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 27Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 28Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 29Page - Renesas Technology Corp ZSC31015EAG1-R Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
© 2016 Integrated Device Technology, Inc
26
November 14, 2016
ZSC31015 Datasheet
3.2.3.
Write Operation from Master to ZSC31015
The calibration master sends a 19-bit packet frame to the IC.
Figure 3.3
19-Bit Write Frame
The incoming serial signal will be sampled at a 512 kHz clock rate. This protocol is very tolerant to clock skew,
and can easily tolerate baud rates in the 6 kHz to 48 kHz range.
3.2.4.
ZSC31015 Read Operations
The incoming frame will be checked for proper parity on both, command and data bytes, as well as for any edge
time-outs prior to a full frame being received.
Once a command/data pair is received, the ZSC31015 will perform that command. After the command has been
successfully executed by the ZSC31015, it will acknowledge success by a transmission of an A5HEX-byte back to
the master. If the master does not receive an A5HEX transmission within 130 ms of issuing the command, it must
assume the command was either improperly received or could not be executed.
Figure 3.4
Read Acknowledge
P
5 4 3 2 1 0
S
Command Byte
Data Byte
S
P
2
Start Bit
Parity Bit of Command or Data Byte
Command Bit (example: Bit 2)
7 6
P
5 4 3 2 1 0
7 6
2
Data Bit (example: Bit 2)
19-bit Frame (WRITE)
S
Data Byte
S
P
Start Bit
Parity Bit of Data Byte
Data Bit (Low)
P
1 0 0 1 0 1
1 0
1
Data Bit (High)
1 DATA Byte Packet
(10-bit byte A5
H)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com