Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3018BA2C Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 2Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 3Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 4Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 5Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 6Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
6
September 8, 2020
1. IC Characteristics
1.1 Absolute Maximum Ratings
Note: The absolute maximum ratings are stress ratings only. The ZSSC3018 might not function or be operable above the recommended
operating conditions. Stresses exceeding the absolute maximum ratings might also damage the device. In addition, extended exposure to
stresses above the recommended operating conditions might affect device reliability. Renesas does not recommend designing to the “Absolute
Maximum Ratings.”
Table 1.1 Absolute Maximum Ratings
PARAMETER
SYMBOL
Min
TYP
MAX
UNITS
Voltage Reference
Vss
0
–
0
V
Analog Supply Voltage
VDD
-0.4
–
3.63
V
Voltage at all Analog and Digital IO Pins
VA_IO, VD_IO
-0.5
–
VDD+0.5
V
Input Current into any Pin except RES, TEST1, TEST2, TEST3, TEST4,
TEST5, and SS [a], [b]
IIN
-100
–
100
mA
Electrostatic Discharge Tolerance – Human Body Model (HBM1) [c]
VHBM1
4000
–
–
V
Storage Temperature
TSTOR
-50
–
130
°C
[a] Latch-up current limit for RES, TEST1, TEST2, TEST3, TEST4, TEST5, and SS: ±70mA.
[b] Latch-up resistance; reference for pin is 0V.
[c] HBM1: C = 100pF charged to VHBM1 with resistor R = 1.5k
 in series based on MIL 883, Method 3015.7. ESD protection
referring to the Human Body Model is tested with devices in ceramic dual in-line packages (CDIP) during product qualification.
1.2 Operating Conditions
Note: The reference for all voltages is Vss.
Table 1.2 Operating Conditions
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
VDD
1.68
–
3.6
V
VDD Rise Time
tVDD
–
–
200
μs
Bridge Current [a]
IVDDB
–
–
1.8
mA
–
–
16.5
Operation Temperature Range
TAMB
-40
–
125
°C
External (Parasitic) Capacitance between VDDB and VSS
CL
0.01
–
50
nF
[a] Power supply rejection is reduced if a current in the range of 16.5mA > IVDDB > 1.8mA is drawn out of VDDB.
A dynamic power-on-reset circuit is implemented in order to achieve the minimum current consumption in Sleep Mode. The VDD low level, the
subsequent rise time, and the VDD rising slope must meet the requirements in Table 1.3 to guarantee an overall IC reset: lower VDD low levels
allow slower rising of the subsequent on-ramp of VDD. Other combinations might also be possible. For example, the reset trigger can be
influenced by increasing the power-down time and lowering the VDD rising slope requirement. Alternatively, the RES pin can be connected and
used to control safe resetting of the IC. RES is low-active – a VDD-VSS-VDD transition at the RES pin leads to a complete ZSSC3018 reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com