Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3018BA2C Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 12Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 13Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 14Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 15Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 16Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 17Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 18Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 19Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
16
September 8, 2020
Figure 2.3 ADC Gain and Offset Setup
2.3.4 Temperature Measurement
The ZSSC3018 provides an internal temperature sensor measurement to allow compensation for temperature effects. See section 1.3 for the
temperature sensor resolution. The temperature output signal is a differential voltage that is adapted by the amplifier for the ADC input.
For temperature measurements, the respective settings are defined and programmed to the MTP by Renesas.
2.3.5 External Sensor Supply: Bridge Sensors
The ZSSC3018 provides dedicated supply pins VDDB and VSSB for resistive bridge-type sensors (AbsV_enable bit[11]=0 in SM_config
registers 12HEX or 16HEX; see section 3.6.2). The ADC reference voltages for the sensor bridge measurement are derived from these internal
voltages such that bridge supply disturbances are suppressed. The current drive ability of VDDB is limited (see IVDDB in section 1.2).
2.3.6 External Sensor: Absolute Voltage Source Sensors
As an optional alternative to a bridge sensor application, the ZSSC3018 can process signals from an absolute-voltage source sensor; e.g., a
thermopile element. The respective input type can be selected with AbsV_enable bit[11]=1 in SM_config, registers 12HEX or 16HEX. The absolute-
voltage source sensor element must be connected between the INP and INN pins; INN is internally connected to the ZSSC3018’s analog ground
(important: this is not VSSB). Do not connect VDDB and VSSB if an absolute-voltage source sensor is applied. The offset shift should be set to
maximum in this case: Shift_method = 1 and Offset = 111 in SM_config. The required gain can be determined according to the procedure
described in section 2.3.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com