Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC3018BA2C Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ZSSC3018BA2C
Description  Versatile, High Resolution 18-Bit Sensor Signal Conditioner
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC3018BA2C Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ZSSC3018BA2C Datasheet HTML 3Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 4Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 5Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 6Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 7Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 8Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 9Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 10Page - Renesas Technology Corp ZSSC3018BA2C Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
ZSSC3018 Datasheet
© 2020 Renesas Electronics Corporation
7
September 8, 2020
Table 1.3 Requirements for VDD Power-on Reset (POR)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power Down Time (duration of VDD Low Level)
tSPIKE
3
–
–
µs
VDD Low Level
VDDLOW
0
–
0.2
V
VDD Rising Slope
SRVDD
10
–
–
V/ms
1.3
Electrical Parameters
All parameter values are valid only under the specified operating conditions. All voltages are referenced to Vss.
Table 1.4 Electrical Parameters
Note: See important table notes at the end of the table.
Parameter
Symbol
Conditions/Comments
Min
Typ
Max
Unit
Supply
External Sensor Supply Voltage,
ADC Reference Voltage
VDDB
Internally generated
1.60
1.68
1.75
V
Current Consumption
IVDD
Active State, average
–
1050
1500
µA
Sleep Mode, idle current,
 85°C
–
20
250
nA
Sleep Mode, idle current,
 125°C
–
50
750
Power Supply Rejection
20·log10(VDD/VDDB)
(see section 1.4)
PSRVDD
VDD = 1.8V
17
60
88
dB
VDD = 2V
32
65
91
dB
Analog-to-Digital Converter (ADC, A2D)
Resolution
rADC
12
–
18
Bit
ADC Clock Frequency
fADC
Internal ADC clock
0.9
1
1.1
MHz
Conversion Rate
f
S,raw
Conversions per second for single 18-
bit external sensor A2D conversion
(w/o AZ)
–
–
1.1
kHz
Conversions per second for single 16-
bit temperature sensor A2D conversion
(w/o AZ)
–
–
2.3
kHz
Amplifier
Gain
GAMP
64 steps
6.6
–
216
Gain Error
GERR
Referenced to nominal gain
-2.5
–
2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com