Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB571IYLT Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSB571IYLT
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571IYLT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSB571IYLT Datasheet HTML 6Page - STMicroelectronics TSB571IYLT Datasheet HTML 7Page - STMicroelectronics TSB571IYLT Datasheet HTML 8Page - STMicroelectronics TSB571IYLT Datasheet HTML 9Page - STMicroelectronics TSB571IYLT Datasheet HTML 10Page - STMicroelectronics TSB571IYLT Datasheet HTML 11Page - STMicroelectronics TSB571IYLT Datasheet HTML 12Page - STMicroelectronics TSB571IYLT Datasheet HTML 13Page - STMicroelectronics TSB571IYLT Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
SR
Positive slew rate
Vin = 13.5 to 22.5 V, Av = 1, 10 % to 90 %, RL = 10 kΩ,
CL = 100 pF
V/μs
0.60 1.00
-40 °C < T < 125 °C
0.44
en
Equivalent input noise voltage
f = 1 kHz
20
nV/√Hz
f = 0.1 Hz to 10 Hz
0.7
μVpp
THD+N Total harmonic distortion + noise
f = 1 kHz, Vin = 7 Vpp, RL = 10 kΩ, CL = 100 pF
0.001
%
1. Typical value is based on the Vio drift observed after 1000h at 125 °C extrapolated to 25 °C using Arrhenius
law and assuming an activation energy of 0.7 eV. The operational amplifier is aged in follower mode
configuration (see Section 4.5 Section 4.5).
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 10/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com