Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB571IYLT Datasheet(PDF) 16 Page - STMicroelectronics

Part # TSB571IYLT
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571IYLT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TSB571IYLT Datasheet HTML 12Page - STMicroelectronics TSB571IYLT Datasheet HTML 13Page - STMicroelectronics TSB571IYLT Datasheet HTML 14Page - STMicroelectronics TSB571IYLT Datasheet HTML 15Page - STMicroelectronics TSB571IYLT Datasheet HTML 16Page - STMicroelectronics TSB571IYLT Datasheet HTML 17Page - STMicroelectronics TSB571IYLT Datasheet HTML 18Page - STMicroelectronics TSB571IYLT Datasheet HTML 19Page - STMicroelectronics TSB571IYLT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Figure 33. THD+N vs. output voltage
0.01
0.1
1
10
1E-4
1E-3
0.01
0.1
4V
12V
36V
Vicm=Vcc/2
Gain=1
f=1kHz
BW=22kHz
Rl=10kΩ
Cl=100pF
T=25°C
Output Voltage (Vpp)
Figure 34. PSRR vs. frequency at VCC = 36 V
10
100
1k
10k
100k
-120
-100
-80
-60
-40
-20
PSRR -
Frequency (Hz)
PSRR +
Figure 35. Channel separation vs. frequency at VCC= 36 V
100
1k
10k
100k
1M
0
20
40
60
80
100
120
140
160
Frequency (Hz)
Vcc=36V
Vicm=18V
Gain=11
Vin = 1Vpp
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 16/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com