Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSB571IYLT Datasheet(PDF) 14 Page - STMicroelectronics

Part # TSB571IYLT
Description  Low-power, 2.5 MHz, RR IO, 36 V BiCMOS operational amplifier
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB571IYLT Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TSB571IYLT Datasheet HTML 10Page - STMicroelectronics TSB571IYLT Datasheet HTML 11Page - STMicroelectronics TSB571IYLT Datasheet HTML 12Page - STMicroelectronics TSB571IYLT Datasheet HTML 13Page - STMicroelectronics TSB571IYLT Datasheet HTML 14Page - STMicroelectronics TSB571IYLT Datasheet HTML 15Page - STMicroelectronics TSB571IYLT Datasheet HTML 16Page - STMicroelectronics TSB571IYLT Datasheet HTML 17Page - STMicroelectronics TSB571IYLT Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Figure 21. Bode diagram at VCC = 4 V
1k
10k
100k
1M
10M
-60
-40
-20
0
20
40
60
-360
-300
-240
-180
-120
-60
0
Gain
Phase
T=-40°C
T=25°C
T=125°C
Frequency (Hz)
Vcc=4V
Vicm=2V
Rl=10kΩ
Cl=100pF
Gain=100
Figure 22. Bode diagram at VCC = 36 V
1k
10k
100k
1M
10M
-60
-40
-20
0
20
40
60
-360
-300
-240
-180
-120
-60
0
Gain
Phase
T=-40°C
T=25°C
T=125°C
Frequency (Hz)
Vcc=36V
Vicm=18V
Rl=10kΩ
Cl=100pF
Gain=100
Figure 23. Phase margin vs. output current at VCC = 4 V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Figure 24. Phase margin vs. output current at VCC = 36 V
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
80
90
100
Figure 25. Phase margin vs. capacitive load
100
200
300
400 500
700
1000
0
10
20
30
40
50
Vcc=4V
Vcc=36V
Capacitive load (pF)
Vicm=Vcc/2
Rl=10kΩ
T=25°C
Figure 26. Overshoot vs. capacitive load at VCC = 36 V
10
100
1000
10000
0
20
40
60
80
100
Sustained Oscillations
Vcc=36V
Vicm=Vcc/2
Rl=10kΩ
Vin=100mVpp
Gain=1
T=25°C
Capacitive load (pF)
TSB571, TSB572
Electrical characteristics
DS11248 - Rev 7
page 14/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com