| Electronic Components Datasheet Search |
|
XIO2000AI Datasheet(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2000AI Datasheet(HTML) 52 Page - Texas Instruments |
|
52 / 165 page ![]() Feature/Protocol Descriptions 43 April 2007 Revised October 2008 SCPS155C SDA SCL Start Condition Stop Condition Change of Data Allowed Data Line Stable, Data Valid Figure 3−15. Serial-Bus Start/Stop Conditions and Bit Transfers Data is transferred serially in 8-bit bytes. During a data transfer operation, the exact number of bytes that are transmitted is unlimited. However, each byte must be followed by an acknowledge bit to continue the data transfer operation. An acknowledge (ACK) is indicated by the data byte receiver pulling the SDA signal low, so that it remains low during the high state of the SCL signal. Figure 3−16 illustrates the acknowledge protocol. SCL From Master 123 78 9 SDA Output By Transmitter SDA Output By Receiver Figure 3−16. Serial-Bus Protocol Acknowledge The bridge performs three basic serial-bus operations: single byte reads, single byte writes, and multibyte reads. The single byte operations occur under software control. The multibyte read operations are performed by the serial EEPROM initialization circuitry immediately after a PCI Express reset. See Section 3.10.3, Serial-Bus EEPROM Application, for details on how the bridge automatically loads the subsystem identification and other register defaults from the serial-bus EEPROM. Figure 3−17 illustrates a single byte write. The bridge issues a start condition and sends the 7-bit slave device address and the R/W command bit is equal to 0b. A 0b in the R/W command bit indicates that the data transfer is a write. The slave device acknowledges if it recognizes the slave address. If no acknowledgment is received by the bridge, then bit 1 (SB_ERR) is set in the serial-bus control and status register (PCI offset B3h, see Section 4.58). Next, the EEPROM word address is sent by the bridge, and another slave acknowledgment is expected. Then the bridge delivers the data byte MSB first and expects a final acknowledgment before issuing the stop condition. Sb6 b4 b5 b3 b2 b1 b0 0 b7 b6 b5 b4 b3 b2 b1 b0 AA Slave Address Word Address R/W S/P = Start/Stop Condition A = Slave Acknowledgement b7 b6 b4 b5 b3 b2 b1 b0 A P Data Byte Figure 3−17. Serial-Bus Protocol—Byte Write |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |