Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XIO2000AI Datasheet(PDF) 27 Page - Texas Instruments

Part # XIO2000AI
Description  XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2000AI Datasheet(HTML) 27 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 23Page - Texas Instruments XIO2000AI Datasheet HTML 24Page - Texas Instruments XIO2000AI Datasheet HTML 25Page - Texas Instruments XIO2000AI Datasheet HTML 26Page - Texas Instruments XIO2000AI Datasheet HTML 27Page - Texas Instruments XIO2000AI Datasheet HTML 28Page - Texas Instruments XIO2000AI Datasheet HTML 29Page - Texas Instruments XIO2000AI Datasheet HTML 30Page - Texas Instruments XIO2000AI Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 165 page
background image
Introduction
18
April 2007 Revised October 2008
SCPS155C
Table 2−8. PCI Express Terminals
SIGNAL
GZZ/
ZZZ
BALL #
ZHC
BALL #
ZHH
BALL #
I/O
TYPE
CELL
TYPE
CLAMP
RAIL
EXTERNAL
PARTS
DESCRIPTION
PERST
J17
H14
H12
I
LV
CMOS
VDD_33_
COMBIO
PCI Express reset input. The PERST
signal identifies when the system power is
stable and generates an internal power on
reset.
Note: The PERST input buffer has
hysteresis.
REF0_PCIE
REF1_PCIE
L16
L17
K14
J13
J14
J13
I/O
BIAS
External
resistor
External reference resistor + and −
terminals for setting TX driver current. An
external resistor is connected between
terminals L16 and L17.
RXP
RXN
E17
E16
E13
E14
E14
E13
DI
HS
DIFF IN
VSS
High-speed receive pair. RXP and RXN
comprise the differential receive pair for the
single PCI Express lane supported.
TXP
TXN
H17
H16
G14
G13
G14
G13
DO
HS
DIFF
OUT
VDD_15
Series
capacitors
High-speed transmit pair. TXP and TXN
comprise the differential transmit pair for
the single PCI Express lane supported.
WAKE
M16
L14
K14
O
LV
CMOS
VDD_33_
COMBIO
Wake is an active low signal that is driven
low to reactivate the PCI Express link
hierarchy’s main power rails and reference
clocks.
Note: Since WAKE is an open-drain output
buffer, a system side pullup resistor is
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com