| Electronic Components Datasheet Search |
|
XIO2000AI Datasheet(PDF) 53 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XIO2000AI Datasheet(HTML) 53 Page - Texas Instruments |
|
53 / 165 page ![]() Feature/Protocol Descriptions 44 April 2007 Revised October 2008 SCPS155C Figure 3−18 illustrates a single byte read. The bridge issues a start condition and sends the 7-bit slave device address and the R/W command bit is equal to 0b (write). The slave device acknowledges if it recognizes the slave address. Next, the EEPROM word address is sent by the bridge, and another slave acknowledgment is expected. Then, the bridge issues a restart condition followed by the 7-bit slave address and the R/W command bit is equal to 1b (read). Once again, the slave device responds with an acknowledge. Next, the slave device sends the 8-bit data byte, MSB first. Since this is a 1-byte read, the bridge responds with no acknowledge (logic high) indicating the last data byte. Finally, the bridge issues a stop condition. Sb6 b4 b5 b3 b2 b1 b0 0 b7 b6 b5 b4 b3 b2 b1 b0 AA Slave Address Word Address R/W Sb6 b4 b5 b3 b2 b1 b0 1 A Slave Address S/P = Start/Stop Condition M = Master Acknowledgement b7 b6 b4 b5 b3 b2 b1 b0 M P Data Byte Start Restart R/W A = Slave Acknowledgement Stop Figure 3−18. Serial-Bus Protocol—Byte Read Figure 3−19 illustrates the serial interface protocol during a multi-byte serial EEPROM download. The serial-bus protocol starts exactly the same as a 1-byte read. The only difference is that multiple data bytes are transferred. The number of transferred data bytes is controlled by the bridge master. After each data byte, the bridge master issues acknowledge (logic low) if more data bytes are requested. The transfer ends after a bridge master no acknowledge (logic high) followed by a stop condition. S1 1 0 0 00 0 0 0 0 0 0 0 000 AA Slave Address Word Address R/W Data Byte 1 Data Byte 2 Data Byte 3 M P M M M = Master Acknowledgement S/P = Start/Stop Condition A = Slave Acknowledgement Data Byte 0 M S1 1 0 0 0 001 A Restart R/W Slave Address Start Figure 3−19. Serial-Bus Protocol—Multibyte Read Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of the three previous serial-bus protocol figures illustrates the PROT_SEL bit default (logic low). When this control bit is asserted, the word address and corresponding acknowledge are removed from the serial-bus protocol. This feature allows the system designer a second serial-bus protocol option when selecting external EEPROM devices. 3.10.3 Serial-Bus EEPROM Application The registers and corresponding bits that are loaded through the EEPROM are provided in Table 3−13. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |