Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F159V Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button F159V Datasheet HTML 35Page - Renesas Technology Corp F159V Datasheet HTML 36Page - Renesas Technology Corp F159V Datasheet HTML 37Page - Renesas Technology Corp F159V Datasheet HTML 38Page - Renesas Technology Corp F159V Datasheet HTML 39Page - Renesas Technology Corp F159V Datasheet HTML 40Page - Renesas Technology Corp F159V Datasheet HTML 41Page - Renesas Technology Corp F159V Datasheet HTML 42Page - Renesas Technology Corp F159V Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 78 page
background image
© 2020 Renesas Electronics Corporation
39
May 15, 2020
F159V Datasheet
Table 19. Reference Frequency Divider Values
Name
Register
Description
Register Name
Function
D
16
Reference
Frequency Doubler
Ref_Doubler
This is a 1-bit control word that will double the externally
applied reference frequency. This is the fifth bit on the
word of the 8-bit word.
The default value is 1 (doubler is on).
R
16
Reference
Frequency Divider
Ref_Doubler
This is a 4-bit control word that sets the divider for the
externally applied reference frequency. The value is
between 1 and 15. If the value is 0 then the divider is set
for 1. This is the first four bits of the word.
The default value is 1 = 0000b.
23.1.3.
Charge Pump
The charge pump current is programmable via the ICP register for maximum flexibility for PLL Bandwidth and performance. We recommend
that default value be used.
Table 20. Charge Pump
Name
Register
Description
Register Name
Function
ICP
24
Charge Pump
Current
ChrgPmp
This is a 4-bit control word that sets the output current of
the charge pump. This is the first four bits of the word.
The default value is 0.94mA = 0010b.
23.1.4.
External Loop Filter
An external loop filter is required which is connected between CP_OUT and VTUNE. The design is application specific. See Application Note
849 for a general description for a loop filter design.
23.1.5.
LO Frequency
The frequency that is used for the modulator is obtained from one of two paths. The first is from the internal VCO and PLL circuit. The output
frequency of the VCO can be divided by up to a factor of 8 using a 3-bit control word.
������������������������_����������������������������������������������������������������=����������������������������������������
There is a switch that allows this internal signal or an external signal to be used. There is another divider that can be used to further reduce the
frequency by a factor of 2. This divider can be used on either the internal signal or the external frequency supplied.
������������������������=������������������������_����������������������������������������������������������������
��������2 ���������������� ������������������������_����������������������������������������������������������������
��������2
It is important to note that for the lower frequency LO signals (
������������������������)lowerthan1.15GHz,thequadraturedividermustbeenabledtogenerate
the quadrature LO signal. At higher frequencies, an optimized filter is provided that properly splits the signal for the two paths, therefore the
quadrature divider must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com