Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F159V Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F159V
Description  Dual-Path RF Transmitter IC 450MHz to 2800MHz
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F159V Datasheet(HTML) 1 Page - Renesas Technology Corp

  F159V Datasheet HTML 1Page - Renesas Technology Corp F159V Datasheet HTML 2Page - Renesas Technology Corp F159V Datasheet HTML 3Page - Renesas Technology Corp F159V Datasheet HTML 4Page - Renesas Technology Corp F159V Datasheet HTML 5Page - Renesas Technology Corp F159V Datasheet HTML 6Page - Renesas Technology Corp F159V Datasheet HTML 7Page - Renesas Technology Corp F159V Datasheet HTML 8Page - Renesas Technology Corp F159V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 78 page
background image
Dual-Path RF Transmitter IC
450MHz to 2800MHz
F159V
Datasheet
© 2020 Renesas Electronics Corporation
1
May 15, 2020
Description
The F159V is a Dual-Path RF Transmitter IC that has an operating
frequency range of 450MHz to 2800MHz. The device provides two
independent transmit paths each with 18.3dB typical maximum
gain with corresponding output noise floor of -142.5dBm/Hz,
+31dBm OIP3, and +14dBm output P1dB designed to operate with
a single +3.3V supply while consuming only 685mA DC current.
Each signal path includes a quadrature modulator, voltage variable
attenuator (VVA), digital step attenuator (DSA), and a fixed gain
amplifier. The device supports a total of 32dB VVA adjustment
range using a SPI-controlled 11-bit DAC, and each DSA has 31dB
gain control range in 1dB steps using SPI control.
An on-chip frequency synthesizer is shared by both paths and is
optimized for use in multi-carrier, multi-mode FDD and TDD base
station transmitters achieving GSM-grade performance. The
synthesizer offers both an integer mode and fractional mode. It
requires an external loop filter and an external reference oscillator
in the frequency range of 10MHz to 250MHz.
The F159V is packaged in a 10mm x 10mm, 68-pin QFN with 110Ω
differential drive from external I/Q DACs and single-ended 50Ω RF
output impedance for ease of integration into the signal-path lineup
for each of the two transmitter paths. Each path has independent
power supply control thereby allowing optimum power efficiency.
Competitive Advantage
High level of integration includes frequency synthesizer / PLL,
dual-path DSA, Modulator, and VVA
High reliability
Low DC current
Zero DistortionTM
technology
GlitchFreeTM
technology
Typical Applications
Application Multi-mode, Multi-carrier Transmitters
PCS1900 Base Stations
DCS1800 Base Stations
WiMAX and LTE Base Stations
UMTS/WCDMA 3G Base Stations
PHS/PAS Base Stations
Distributed Antenna Systems
Digital Radio
Features
Independent dual-path operation
RF output frequency: 450MHz to 2800MHz
18.3dB typical maximum gain (no attenuation)
+31dBm OIP3 (no attenuation)
+14dBm Output P1dB (no attenuation)
13dB NF corresponds to -142.5dBm/Hz output noise floor (no
attenuation)
Output noise floor -152.3dBm/Hz (VVA=14dB, DSA=1dB)
Channel Isolation: 47dB
DSA with 31dB total gain range in 1dB steps
Multiple VVAs with 32dB gain range controlled by on-chip SPI
controlled 11-bit DAC
Variable Gain amplifier (VGA) is comprised of DSAs, VVAs,
and a fixed-gain amplifier
I lead Q by 90 degrees for high side LO injection
Supports ZIF or CIF architectures
Common-mode voltage range: +0.1V to +0.8V
Integer-N and Fractional-N Synthesizer
Direct 110Ω differential driven from I/Q DAC
50Ω single-ended RF output impedance
Internal or external LO select
+3.3V supply voltage at 685mA (LO_Out not turned on)
Specified Case Temperature; -20°C to +115°C
10mm x 10mm, 68-pin QFN package
Block Diagram
Figure 1. Block Diagram
RFOUT
Channel 0
RFOUT
Channel 1
Amplifier
Enable
MOD
Enable
I-
LO_IN
LO_OUT
RESET
Vdd
REF_IN
CP_OUT
VTUNE
VCOM
LO_LD
LO
Switch
Matrix
90 / 0
/2
∑
/M
Frequency
Synthesizer
SPI Controller
90 / 0
∑
DAC
DAC
Channel 1
I+
Q-
Q+
-
+
-
+
Amplifier
Enable
MOD
Enable
I-
Channel 0
I+
Q-
Q+
MOD
Couple
MOD
Couple
Glitch-FreeTM
Zero-DistortionTM


Similar Part No. - F159V

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F15909 LEDIL-F15909 Datasheet
3Mb / 5P
Forward throwing beam with peak in 65째
F15910 LEDIL-F15910 Datasheet
2Mb / 4P
Forward throwing beam with peak in 65째.
F15940 LEDIL-F15940 Datasheet
2Mb / 44P
Linnea Lens
F15941 LEDIL-F15941 Datasheet
2Mb / 37P
Linnea Lens
F15952 LEDIL-F15952 Datasheet
2Mb / 39P
Linnea Lens
More results

Similar Description - F159V

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2370 MAXIM-MAX2370 Datasheet
371Kb / 19P
Complete 450MHz Quadrature Transmitter
Rev 0; 5/05
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
logo
Renesas Technology Corp
F0440 RENESAS-F0440 Datasheet
2Mb / 31P
Dual Matched Broadband RF DVGA 450MHz to 2700MHz
F4482 RENESAS-F4482 Datasheet
4Mb / 49P
DIFF-In / SE-Out Quad Path TX DVGA 1300MHz to 2800MHz
logo
Integrated Device Techn...
IDTF1180NBGI IDT-IDTF1180NBGI Datasheet
3Mb / 43P
Dual Path Highband RF Receiver 1400MHz to 2700MHz
logo
Renesas Technology Corp
F1130 RENESAS-F1130 Datasheet
1Mb / 40P
Dual Path Lowband RF Receiver 400MHz to 1100MHz
February 8, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com