Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0452CEVB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F0452CEVB
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452CEVB Datasheet(HTML) 4 Page - Renesas Technology Corp

  F0452CEVB Datasheet HTML 1Page - Renesas Technology Corp F0452CEVB Datasheet HTML 2Page - Renesas Technology Corp F0452CEVB Datasheet HTML 3Page - Renesas Technology Corp F0452CEVB Datasheet HTML 4Page - Renesas Technology Corp F0452CEVB Datasheet HTML 5Page - Renesas Technology Corp F0452CEVB Datasheet HTML 6Page - Renesas Technology Corp F0452CEVB Datasheet HTML 7Page - Renesas Technology Corp F0452CEVB Datasheet HTML 8Page - Renesas Technology Corp F0452CEVB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
4
May 5, 2020
Pin Assignments
Figure 1. Pin Assignments for 6 × 6 × 0.75 mm 32-LGA – Top View
SW1_CTRL
ATT1_CTRL
STBY1
GND
STBY2
GND
SW2_CTRL
ATT2_CTRL
GND
GND
SW1_IN
NC
SW2_IN
NC
GND
GND
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com