Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0452CEVB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F0452CEVB
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452CEVB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F0452CEVB Datasheet HTML 3Page - Renesas Technology Corp F0452CEVB Datasheet HTML 4Page - Renesas Technology Corp F0452CEVB Datasheet HTML 5Page - Renesas Technology Corp F0452CEVB Datasheet HTML 6Page - Renesas Technology Corp F0452CEVB Datasheet HTML 7Page - Renesas Technology Corp F0452CEVB Datasheet HTML 8Page - Renesas Technology Corp F0452CEVB Datasheet HTML 9Page - Renesas Technology Corp F0452CEVB Datasheet HTML 10Page - Renesas Technology Corp F0452CEVB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
7
May 5, 2020
Recommended Operating Conditions
Table 3.
Recommended Operating Conditions
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Power Supply Voltage
VDD
3.15
3.3
3.45
V
Operating Temperature Range
TEPAD
Exposed Paddle
-40
+105
°C
RF Frequency Range
fRF
2.3
2.7
GHz
TX Mode CW Average Input Power,
+7.5dB PAR, Full Life Time [a]
50Ω, VDD = +3.3V
PMAX_TX
89% Duty Cycle
+30[b]
dBm
RX Mode CW Average Input Power,
+7.5dB PAR, Full Life Time [a]
50Ω, VDD = +3.3V
PMAX_RX
89% Duty Cycle
-25
dBm
Port Impedance (SW1_IN, SW2_IN,
RX1_OUT, RX2_OUT)
ZRF
50
Ω
Junction Temperature
TJ
+125
°C
[a] Assumes device environmental temperature cycling within the specified exposed pad operating temperature range of -40°C and 105°C and a
maximum junction temperature of 125°C.
[b] Operation beyond the maximum recommended operating input power level should be limited and have reduced exposed pad temperatures to
maintain device reliability per foundry guidelines. Electrical characteristics and lifetime are not guaranteed for RF input power levels beyond what
is specified in this table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com