Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0452CEVB Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # F0452CEVB
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452CEVB Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button F0452CEVB Datasheet HTML 2Page - Renesas Technology Corp F0452CEVB Datasheet HTML 3Page - Renesas Technology Corp F0452CEVB Datasheet HTML 4Page - Renesas Technology Corp F0452CEVB Datasheet HTML 5Page - Renesas Technology Corp F0452CEVB Datasheet HTML 6Page - Renesas Technology Corp F0452CEVB Datasheet HTML 7Page - Renesas Technology Corp F0452CEVB Datasheet HTML 8Page - Renesas Technology Corp F0452CEVB Datasheet HTML 9Page - Renesas Technology Corp F0452CEVB Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
6
May 5, 2020
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VDD to GND
VDD
-0.3
+3.6
V
STBY1, STBY2, ATT1_CTRL, ATT2_CTRL, SW1_CTRL, SW2_CTRL to GND
VCTRL
-0.3
VDD + 0.25
V
SW1_IN, SW2_IN, RX1_OUT, RX2_OUT, SW1_OUT, SW2_OUT to GND
Externally Applied DC Voltage
VSW
-50
50
mV
TX Mode CW Average Input Power +7.5dB PAR at SW1_IN, SW2_IN Ports,
10s, 89% Duty Cycle
50Ω, TEPAD = 105°C [a], VDD = +3.3V
PABS_TX
+31
+33 [b]
dBm
RX Mode Average Input Power +7.5dB PAR at SW1_IN, SW2_IN Ports,
1 Hour Single Event, 50% Duty Cycle
50Ω, TEPAD = 105°C [a], VDD = +3.3V
PABS_RX
+8
dBm
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
1500
(Class 1C)
V
Electrostatic Discharge – CDM
(JEDEC JS-002-2014)
ALL pins except pins 16, 18, 23, 25
VESDCDM
500
(Class C2A)
V
Electrostatic Discharge – CDM
(JEDEC JS-002-2014)
Pins 16, 18, 23, 25
VESDCDM
125
(Class C0B)
V
[a] TEPAD = temperature of the exposed paddle.
[b] RF input exposures greater than +31dBm and up to +33dBm for multiple extended periods will affect device reliability and lifetime if the maximum
recommended input junction temperature is exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com