Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0453CEVB Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button F0453CEVB Datasheet HTML 12Page - Renesas Technology Corp F0453CEVB Datasheet HTML 13Page - Renesas Technology Corp F0453CEVB Datasheet HTML 14Page - Renesas Technology Corp F0453CEVB Datasheet HTML 15Page - Renesas Technology Corp F0453CEVB Datasheet HTML 16Page - Renesas Technology Corp F0453CEVB Datasheet HTML 17Page - Renesas Technology Corp F0453CEVB Datasheet HTML 18Page - Renesas Technology Corp F0453CEVB Datasheet HTML 19Page - Renesas Technology Corp F0453CEVB Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
16
May 1, 2020
Electrical Characteristics: 3800MHz–4000MHz [1]
Table 11. Electrical Characteristics: RX Path in Rx Mode Cascaded Performance
See the F0453C Application Circuit. Specifications apply when operated as an Rx RF amplifier with VDD = +3.3V, fRF = 3900MHz, TEPAD = +25°C,
STBY = LOW, RX output power = -10dBm, ZS = ZL = 50Ω, and EVKit trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input Return Loss
RLIN
Measured at SW1_IN, SW2_IN
High Gain Mode,
fRF = 3800MHz to 4000MHz
9 [a]
dB
Measured at SW1_IN, SW2_IN
Low Gain Mode,
fRF = 3800MHz to 4000MHz
9
Measured at SW1_IN, SW2_IN
TX mode [b] [c]
11
Output Return Loss
RLOUT
Measured at RX1_OUT,
RX2_OUT,
High/Low Gain Modes,
fRF = 3800MHz to 4000MHz
6
dB
Reverse Isolation, S12
ISOREV
fRF = 3800MHz to 4000MHz
52
62
dB
Gain
GHG
High Gain Mode
30
33
35
dB
GHG_TEMP
TEPAD = -40 to 105°C
28
38
Gain Attenuated
GLG
Low Gain Mode
27.5
dB
Gain Ripple
GRIPPLE
fRF = 3800MHz to 4000MHz
(Difference between maximum
and minimum gain in each
100MHz subrange within the
specified frequency range)
±0.5
dB
Noise Figure
NF
Measured at antenna port
ideally matched to LNA
1.5
2
dB
TEPAD = 105°C
2.5
Low Gain Mode
1.5
[a] Items in Minimum/Maximum columns in bold italics are guaranteed by test. Items in Minimum/Maximum columns NOT in bold italics are
guaranteed by design characterization.
[b] Specification reflects use of an external termination resistor at SW1_OUT, SW2_OUT with a RL > 22dB.
[c] Performance can be further improved with tuning at the SW1_OUT and SW2_OUT ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com