Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0453CEVB Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # F0453CEVB
Description  Dual Path RF Switch with LNA and DVGA 3300MHz to 4000MHz
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0453CEVB Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button F0453CEVB Datasheet HTML 22Page - Renesas Technology Corp F0453CEVB Datasheet HTML 23Page - Renesas Technology Corp F0453CEVB Datasheet HTML 24Page - Renesas Technology Corp F0453CEVB Datasheet HTML 25Page - Renesas Technology Corp F0453CEVB Datasheet HTML 26Page - Renesas Technology Corp F0453CEVB Datasheet HTML 27Page - Renesas Technology Corp F0453CEVB Datasheet HTML 28Page - Renesas Technology Corp F0453CEVB Datasheet HTML 29Page - Renesas Technology Corp F0453CEVB Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
F0453C Datasheet
© 2020 Renesas Electronics Corporation
26
May 1, 2020
Application Information
Power Supplies
A common VDD power supply should be used for all pins requiring DC power. All supply pins should be bypassed with external capacitors to
minimize noise and fast transients. Supply noise can degrade the noise figure, and fast transients can trigger ESD clamps and cause them to
fail. Supply voltage change or transients should have a slew rate smaller than 1V / 20µs. In addition, all control pins should remain at
0V (±0.3V) while the supply voltage ramps up or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot, ringing, etc., the following circuit
at the input of each control pin is recommended. This applies to control pins 1, 2, 3, 6, 7, and 8 displayed in Figure 28.
Figure 28. Control Pin Interface Schematic
2 pF
5 kΩ
2 pF
5 kΩ
SW1_CTRL
ATT1_CTRL
STBY1
STBY2
SW2_CTRL
ATT2_CTRL
2 pF
5 kΩ
2 pF
5 kΩ
2 pF
5 kΩ
2 pF
5 kΩ
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com