Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1240NBGI Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # F1240NBGI
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240NBGI Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button F1240NBGI Datasheet HTML 27Page - Renesas Technology Corp F1240NBGI Datasheet HTML 28Page - Renesas Technology Corp F1240NBGI Datasheet HTML 29Page - Renesas Technology Corp F1240NBGI Datasheet HTML 30Page - Renesas Technology Corp F1240NBGI Datasheet HTML 31Page - Renesas Technology Corp F1240NBGI Datasheet HTML 32Page - Renesas Technology Corp F1240NBGI Datasheet HTML 33Page - Renesas Technology Corp F1240NBGI Datasheet HTML 34Page - Renesas Technology Corp F1240NBGI Datasheet HTML 35Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
© 2018 Integrated Device Technology, Inc.
32
September 11, 2018
F1240 Datasheet
Revision History
Revision Date
Description of Change
September 11, 2018
•
Added spurs specification
•
Linked the package outline drawings
•
Updated the marking diagram
•
Updated the document formatting
February 9, 2018
Added power supply and control pin paragraphs in Application section. Corrected Absolute Maximum Rating
section. Corrected pin table. Addition of “Revision History” table. Addition of contacts and disclaimer table.
Revision of package drawing and addition of land pattern.
Minor edits.
March 31, 2012
Initial release.
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) and its affiliated companies (herein referred to as “IDT”) reserve the right to modify the products and/or specifications described herein at any time,
without notice, at IDT's sole discretion. Performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same
way when installed in customer products. The information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability
of IDT's products for any particular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not
convey any license under intellectual property rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com