Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1240NBGI Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # F1240NBGI
Description  Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1240NBGI Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button F1240NBGI Datasheet HTML 16Page - Renesas Technology Corp F1240NBGI Datasheet HTML 17Page - Renesas Technology Corp F1240NBGI Datasheet HTML 18Page - Renesas Technology Corp F1240NBGI Datasheet HTML 19Page - Renesas Technology Corp F1240NBGI Datasheet HTML 20Page - Renesas Technology Corp F1240NBGI Datasheet HTML 21Page - Renesas Technology Corp F1240NBGI Datasheet HTML 22Page - Renesas Technology Corp F1240NBGI Datasheet HTML 23Page - Renesas Technology Corp F1240NBGI Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
© 2018 Integrated Device Technology, Inc.
20
September 11, 2018
F1240 Datasheet
Typical Application Circuit
Figure 43 is a typical minimum circuit design needed for the F1240.
Figure 43. Electrical Schematic
B1_4-SCK
C12
P_EN
L4
OUT_A-
C1
B2_4
OUT_A+
VCC_IF2
L1
VCC_IF1
C4
R36
C5
U1
GA3/DATA
1
GA4/CLK
2
GA5
3
Vmode
4
NC
5
GB5
6
GB4
7
GB3
8
OUT_B+
17
OUT_B-
18
STBY_B
19
GND20
20
GND21
21
STBY_A
22
OUT_A-
23
OUT_A+
24
VCC
C17
B1_3-SD
L2
C10
R34
B1_5
OUT_B+
R38
B2_5
C7
B2_3
C18
R37
L3
OUT_B-
C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com