Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1912Z Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F1912Z
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1912Z Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F1912Z Datasheet HTML 7Page - Renesas Technology Corp F1912Z Datasheet HTML 8Page - Renesas Technology Corp F1912Z Datasheet HTML 9Page - Renesas Technology Corp F1912Z Datasheet HTML 10Page - Renesas Technology Corp F1912Z Datasheet HTML 11Page - Renesas Technology Corp F1912Z Datasheet HTML 12Page - Renesas Technology Corp F1912Z Datasheet HTML 13Page - Renesas Technology Corp F1912Z Datasheet HTML 14Page - Renesas Technology Corp F1912Z Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
11
Rev 2, July 2017
IDTF1912NCGI
Datasheet
TYPICAL OPERATING CONDITIONS (- 1 -)
Insertion Loss vs Frequency
RF1 (Input) Return Loss vs Frequency [All States]
RF2 (Output) Return Loss vs Frequency [All States]
Insertion Loss vs Attenuation State
RF1 (Input) Return Loss vs Attenuation State
RF2 (Output) Return Loss vs Attenuation State
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-40 C / +3.3 V
-40 C / +5.0 V
+25 C / +3.3 V
+25 C / +5.0 V
+105 C / +3.3 V
+105 C / +5.0 V
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuator State (dB)
-40 C / +3.3 V
-40 C / +5.0 V
+25 C / +3.3 V
+25 C / +5.0 V
+105 C / +3.3 V
+105 C / +5.0 V
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.5 GHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
3.0 GHz
3.5 GHz
4.0 GHz
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
0.5 GHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
3.0 GHz
3.5 GHz
4.0 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com