Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1912Z Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1912Z
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1912Z Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1912Z Datasheet HTML 1Page - Renesas Technology Corp F1912Z Datasheet HTML 2Page - Renesas Technology Corp F1912Z Datasheet HTML 3Page - Renesas Technology Corp F1912Z Datasheet HTML 4Page - Renesas Technology Corp F1912Z Datasheet HTML 5Page - Renesas Technology Corp F1912Z Datasheet HTML 6Page - Renesas Technology Corp F1912Z Datasheet HTML 7Page - Renesas Technology Corp F1912Z Datasheet HTML 8Page - Renesas Technology Corp F1912Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
2
Rev 2, July 2017
IDTF1912NCGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Units
VDD to GND
VDD
-0.3
+5.5
V
DATA, LE, CLK, D[5:0]
VLogic
-0.3
Lower of
(VDD+0.3, 3.9)
V
RF1, RF2
VRF
-0.3
+0.3
V
Maximum Input Power applied
to RF1 or RF2 (>100 MHz)
PRF
+34
dBm
Operating Case Temperature
+105
°C
Maximum Junction Temperature
TJmax
+140
°C
Junction Temperature
Tjmax
140
°C
Continuous Power Dissipation
1.5
W
Storage Temperature Range
Tst
-65
150
°C
Lead Temperature (soldering, 10s)
260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2000
(Class 2)
Volts
ESD Voltage – CDM (Per JESD22-C101F)
VESDCDM
500
(Class C2)
Volts
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ESD CAUTION
This product features proprietary protection circuitry. However, it may be damaged if subjected to high energy ESD.
Please use proper ESD precautions when handling to avoid damage or loss of performance.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
50 °C/W
θJC (Junction – Case) [The Case is defined as the exposed paddle]
3 °C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com