Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F1912Z Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F1912Z
Description  Serial and 6 bit Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1912Z Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F1912Z Datasheet HTML 15Page - Renesas Technology Corp F1912Z Datasheet HTML 16Page - Renesas Technology Corp F1912Z Datasheet HTML 17Page - Renesas Technology Corp F1912Z Datasheet HTML 18Page - Renesas Technology Corp F1912Z Datasheet HTML 19Page - Renesas Technology Corp F1912Z Datasheet HTML 20Page - Renesas Technology Corp F1912Z Datasheet HTML 21Page - Renesas Technology Corp F1912Z Datasheet HTML 22Page - Renesas Technology Corp F1912Z Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
6 Bit Digital Step Attenuator
1 MHz to 4000 MHz
Glitch-FreeTM, Digital Step Attenuator
21
Rev 2, July 2017
IDTF1912NCGI
Datasheet
APPLICATIONS INFORMATION
F1912 Digital Pin Voltage & Resistance Values (pins not connected)
The following table lists the resistance between various pins and ground when no DC power is applied. When
the device is powered up with +5 Volts DC these same pins should have the measured voltage to ground.
Pin
Name
DC voltage
(volts)
Resistance
(ohms)
13
VMODE
2.5V
100 kΩ pullup resistor
to internally regulated
2.5 V
3, 4, 5
DATA, CLK, LE
2.5V
100 kΩ pullup resistor
to internally regulated
2.5 V
Logic Voltage applied before Power Supply
Due to on-chip ESD protection circuitry, the VDD supply voltage is required to be present before the logic
voltages can be applied to the logic pins (VMODE, DATA, LE, CLK, D[5:0]). If in the application this is not
possible, then a series resistor of 3kΩ needs to be added in line with each of the logic pins, D0-D3. The other
logic pins (VMODE, DATA, LE, CLK, D4, D5) already have a significant resistor value per the Bill Of Material
(BOM). This resistor limits the current into the logic pin to a safe level when VDD is not present. The resistor
should be placed close to the device to minimize the impact on switching speed due to stray PCB parasitics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com