Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2977 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 3 Page - Renesas Technology Corp

  F2977 Datasheet HTML 1Page - Renesas Technology Corp F2977 Datasheet HTML 2Page - Renesas Technology Corp F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
3
Rev O May 19, 2017
Absolute Maximum Ratings
Stresses beyond those listed below may cause permanent damage to the device. Functional operation of the device at these or any other
conditions beyond those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions
for extended periods may affect device reliability.
Table 2.
Absolute Maximum Ratings
Parameter
Symbol
Minimum
Maximum
Units
VCC to GND
VCC
-0.3
+5.5
V
VCTL, EN
VLOGIC
-0.3
Lower of
(VCC + 0.3, 3.9)
V
RF1, RF2, RFC
VRF
-0.3
+0.3
V
Maximum Input CW
Power, 50 , TEP = 25°C,
VCC = 5.25V (any port,
insertion loss state) [a]
30MHz ≤ fRF ≤ 200MHz
PABSCW1
33
dBm
200MHz < fRF ≤ 6000MHz
PABSCW2
34
Maximum Peak Power,
50 , TEP = 25°C,
VCC = 5.25V (any port,
insertion loss state) [a, b]
30MHz ≤ fRF ≤ 200MHz
PABSPK1
38
dBm
200MHz < fRF ≤ 6000MHz
PABSPK2
39
Maximum Junction Temperature
TJMAX
+140
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260
°C
Electrostatic Discharge – HBM
(JEDEC/ESDA JS-001-2012)
VESDHBM
2500
(Class 2)
V
Electrostatic Discharge – CDM
(JEDEC 22-C101F)
VESDCDM
1000
(Class C3)
V
a. TEP = Temperature of the exposed paddle.
b. 5% duty cycle of a 4.6ms period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com