Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F2977 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # F2977
Description  High Linearity Broadband SP2T 30MHz to 6GHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2977 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button F2977 Datasheet HTML 3Page - Renesas Technology Corp F2977 Datasheet HTML 4Page - Renesas Technology Corp F2977 Datasheet HTML 5Page - Renesas Technology Corp F2977 Datasheet HTML 6Page - Renesas Technology Corp F2977 Datasheet HTML 7Page - Renesas Technology Corp F2977 Datasheet HTML 8Page - Renesas Technology Corp F2977 Datasheet HTML 9Page - Renesas Technology Corp F2977 Datasheet HTML 10Page - Renesas Technology Corp F2977 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
F2977 Datasheet
© 2017 Integrated Device Technology, Inc.
7
Rev O May 19, 2017
Electrical Characteristics
Table 6.
Electrical Characteristics
See F2977 Application Circuit. Specifications apply when operated with VCC = +3.3V, TEP = +25°C, ZS = ZL = 50 , EN = HIGH, single tone
signal applied at RF1 or RF2 and measured at RFC, EVKit trace and connector losses are de-embedded, unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Input 0.1dB Compression [c]
P0.1dB
fRF = 30MHz
40
dBm
fRF = 2.4GHz
40
fRF = 6.0GHz
40
Input IP3
(RF1, RF2 to RFC)
IIP3
fRF = 2.4GHz
PIN = +24dBm/tone
100MHz spacing
77
dBm
Input IP2
(RF1, RF2 to RFC)
IIP2
f1 = 700MHz
f2 = 1.7GHz
PIN = +24dBm/tone
Measure 2.4GHz product
125
dBm
f1 = 2.4GHz
f2 = 3.5GHz
PIN = +24dBm/tone
Measure 5.9GHz product
120
Second Harmonic
(RF1, RF2 to RFC)
H2
fIN = 900MHz, PIN = +35dBm
-95
-85 [b]
dBc
fIN = 1.8GHz, PIN = +33dBm
-86
-76
Third Harmonic
(RF1, RF2 to RFC)
H3
fIN = 900MHz, PIN = +35dBm
-90
-75
dBc
fIN = 1.8GHz, PIN = +33dBm
-89
-74
Spurious Output
(No RF Applied)
PSPUR1
fOUT ≥ 5MHz
All unused ports terminated
-133
dBm
PSPUR2
fOUT < 5MHz
All unused ports terminated
-120
a. Items in min/max columns in bold italics are guaranteed by test.
b. Items in min/max columns that are not bold italics are guaranteed by design characterization.
c. The input 0.1dB compression point is a linearity figure of merit. Refer to Figure 3 for the maximum RF operating input
power levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com