Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701ASDZ Datasheet(PDF) 8 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 8 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Notes:
1. The module signal grounds are isolated from the module case.
2. This is an open collector/drain output that on the host board requires a 4.7 kΩ to 10 kΩ pullup resistor to VccHost. See Figure 2.
3. This input is internally biased high with a 4.7 kΩ to 10 kΩ pullup resistor to VccT.
4. Two-Wire Serial interface clock and data lines require an external pullup resistor dependent on the capacitance load.
5. This is a ground return that on the host board requires a 4.7 kΩ to 10 kΩ pullup resistor to VccHost.
Table 2. Contact Description
Contact
Symbol
Function/Description
Notes
1
VeeT
Transmitter Signal Ground
Note 1
2
TX_FAULT
Transmitter Fault (LVTTL-O) – High indicates a fault condition
Note 2
3
TX_DISABLE
Transmitter Disable (LVTTL-I) – High or open disables the transmitter
Note 3
4
SDA
Two Wire Serial Interface Data Line (LVCMOS – I/O)
(same as MOD-DEF2 in INF-8074)
Note 4
5
SCL
Two Wire Serial Interface Clock Line (LVCMOS – I/O)
(same as MOD-DEF1 in INF-8074)
Note 4
6
MOD_ABS
Module Absent (Output), connected to VeeT or VeeR in the module
Note 5
7
RS0
Rate Select 0 - Not used, Presents high input impedance.
8
RX_LOS
Receiver Loss of Signal (LVTTL-O)
Note 2
9
RS1
Rate Select 1 - Not used, Presents high input impedance.
10
VeeR
Receiver Signal Ground
Note 1
11
VeeR
Receiver Signal Ground
Note 1
12
RD-
Receiver Data Out Inverted (CML-O)
13
RD+
Receiver Data Out (CML-O)
14
VeeR
Receiver Signal Ground
15
VccR
Receiver Power + 3.3 V
16
VccT
Transmitter Power + 3.3 V
17
VeeT
Transmitter Signal Ground
Note 1
18
TD+
Transmitter Data In (CML-I)
19
TD-
Transmitter Data In Inverted (CML-I)
20
VeeT
Transmitter Signal Ground
Note 1
Figure 3. Module edge connector contacts
TOP VIEW
OF BOARD
11
20
10
1
TOWARD
HOST
BOTTOM OF
BOARD AS
VIEWED FROM
TOP THROUGH
BOARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com