Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701ASDZ Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 9 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 13Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
Table 3. Absolute Maximum Ratings
Stress in excess of any of the individual Absolute Maximum Ratings can cause immediate catastrophic damage to
the module even if all other parameters are within Recommended Operating Conditions. It should not be assumed
that limiting values of more than one parameter can be applied concurrently. Exposure to any of the Absolute Maxi-
mum Ratings for extended periods can adversely affect reliability.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Storage Temperature
TS
-40
100
C
Case Operating Temperature
TC
-40
100
C
Relative Humidity
RH
5
95
%
Supply Voltage
VccT, VccR
-0.3
3.8
V
Note 1
Low Speed Input Voltage
-0.5
Vcc+0.5
V
Two-Wire Interface Input Voltage
-0.5
Vcc+0.5
V
High Speed Input Voltage, Single Ended
-0.3
Vcc+0.5
V
High Speed Input Voltage, Differential
2.5
V
Low Speed Output Current
-20
20
mA
Optical Receiver Input Average Power
1.5
dBm
Note;
1. The module supply voltages, VccT and VccR must not differ by more than 0.5 V or damage to the device may occur.
Table 4. Recommended Operating Conditions
Recommended Operating Conditions specify parameters for which the electrical and optical characteristics hold
unless otherwise noted. Optical and electrical charactristics are not defined for operation outside the Recommend-
ed Operating Conditions, reliability is not implied and damage to the module may occur for such operation over an
extended period of time. The SFP+ Module Power Supply Requirements are specified in the latest revision of SFF
8431 MSA.
Parameter
Symbol
Minimum
Maximum
Unit
Notes
Case Operating Temperature
TC
0
85
°C
Note 1
Module Supply Voltage
VccT, VccR
3.135
3.465
V
Signal Rate
10.311
10.313
GBd
Power Supply Noise Tolerance
66
mVp-p
Note 2
including Ripple
Tx Input Single Ended DC
V
-0.3
4.0
V
Voltage Tolerance (Ref VeeT)
Rx Output Single Ended Voltage Tolerance
V
-0.3
4.0
V
Notes:
1. Ambient operating temperature limits are based on the Case Operating Temperature limits and are subject to the host system thermal design.
See Figure 6 for the module Tc reference point.
2. The Power Supply Filter (PSF) and resulting Power Supply Noise Tolerance (PSNT) are specified in the SFF 8431 MSA. The PSNT value applies over
the range from 10Hz to 10MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com