Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFCT-701ASDZ Datasheet(PDF) 16 Page - Broadcom Corporation.

Part # AFCT-701ASDZ
Description  10Gb Ethernet, 1310 nm, 10GBASE-LR, SFP Transceiver for SMF 10km links Case temperature 0-85 C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-701ASDZ Datasheet(HTML) 16 Page - Broadcom Corporation.

Back Button AFCT-701ASDZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 11Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 12Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 13Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 14Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 15Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 16Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 17Page - Broadcom Corporation. AFCT-701ASDZ Datasheet HTML 18Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Table 13. EEPROM Serial ID Memory Contents – Enhanced Feature Set Memory (Address A2h)
Byte #
Byte #
Byte #
Decimal
Notes
Decimal
Notes
Decimal
Notes
0
Temp H Alarm MSB[1]
26
Tx Pwr L Alarm MSB[4]
104
Real Time Rx Pwr MSB[5]
1
Temp H Alarm LSB[1]
27
Tx Pwr L Alarm LSB[4]
105
Real Time Rx Pwr LSB[5]
2
Temp L Alarm MSB[1]
28
Tx Pwr H Warning MSB[4]
106
Reserved
3
Temp L Alarm LSB[1]
29
Tx Pwr H Warning LSB[4]
107
Reserved
4
Temp H Warning MSB[1]
30
Tx Pwr L Warning MSB[4]
108
Reserved
5
Temp H Warning LSB[1]
31
Tx Pwr L Warning LSB[4]
109
Reserved
6
Temp L Warning MSB[1]
32
Rx Pwr H Alarm MSB[5]
110
Status/Control
- See Table 15
7
Temp L Warning LSB[1]
33
Rx Pwr H Alarm LSB[5]
111
Reserved
8
Vcc H Alarm MSB[2]
34
Rx Pwr L Alarm MSB[5]
112
Flag Bits - See Table 16
9
Vcc H Alarm LSB[2]
35
Rx Pwr L Alarm LSB[5]
113
Flag Bits - See Table 16
10
Vcc L Alarm MSB[2]
36
Rx Pwr H Warning MSB[5]
114
Reserved
11
Vcc L Alarm LSB[2]
37
Rx Pwr H Warning LSB[5]
115
Reserved
12
Vcc H Warning MSB[2]
38
Rx Pwr L Warning MSB[5]
116
Flag Bits - See Table 16
13
Vcc H Warning LSB[2]
39
Rx Pwr L Warning LSB[5]
117
Flag Bits - See Table 16
14
Vcc L Warning MSB[2]
40-55
Reserved
118-127
Reserved
15
Vcc L Warning LSB[2]
56-94
External Calibration Constants[6]
128-247
Customer Writeable
16
Tx Bias H Alarm MSB[3]
95
Checksum for Bytes 0-94[7]
248-255
Vendor Specific
17
Tx Bias H Alarm LSB[3]
96
Real Time Temperature MSB[1]
18
Tx Bias L Alarm MSB[3]
97
Real Time Temperature LSB[1]
19
Tx Bias L Alarm LSB[3]
98
Real Time Vcc MSB[2]
20
Tx Bias H Warning MSB[3]
99
Real Time Vcc LS[2]
21
Tx Bias H Warning LSB[3]
100
Real Time Tx Bias MSB[3]
22
Tx Bias L Warning MSB[3]
101
Real Time Tx Bias LSB[3]
23
Tx Bias L Warning LSB[3]
102
Real Time Tx Power MSB[4]
24
Tx Pwr H Alarm MSB[4]
103
Real Time Tx Power LSB[4]
25
Tx Pwr H Alarm LSB[4]
Notes:
1. Temperature (Temp) is decoded as a 16 bit signed twos compliment integer in increments of 1/256°C.
2. Supply Voltage (Vcc) is decoded as a 16 bit unsigned integer in increments of 100 μV.
3. Laser bias current (Tx Bias) is decoded as a 16 bit unsigned integer in increments of 2 μA.
4. Transmitted average optical power (Tx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
5. Received average optical power (Rx Pwr) is decoded as a 16 bit unsigned integer in increments of 0.1 μW.
6. Bytes 56-94 are not intended for use with AFCT-701ASDZ, but have been set to default values per SFF-8472.
7. Byte 95 is a checksum calculated (per SFF-8472) and stored prior to product shipment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com