Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 17Page - Integrated Device Technology F0502 Datasheet HTML 18Page - Integrated Device Technology F0502 Datasheet HTML 19Page - Integrated Device Technology F0502 Datasheet HTML 20Page - Integrated Device Technology F0502 Datasheet HTML 21Page - Integrated Device Technology F0502 Datasheet HTML 22Page - Integrated Device Technology F0502 Datasheet HTML 23Page - Integrated Device Technology F0502 Datasheet HTML 24Page - Integrated Device Technology F0502 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
21
Rev1, April 2014
IDTF0562NBGI
Datasheet
F0552NBGI
Advance Datasheet
TOCS RETURN LOSS [STD MODE] (-11-)
IF_A Output Return Loss 184MHz match
IF_A Output Return Loss 276MHz match
RF Port Return Loss
IF_B Output Return Loss 184MHz match
IF_B Output Return Loss 276MHz match
LO Port Return Loss
-35
-30
-25
-20
-15
-10
-5
0
84
104
124
144
164
184
204
224
244
264
284
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-35
-30
-25
-20
-15
-10
-5
0
176
196
216
236
256
276
296
316
336
356
376
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-30
-25
-20
-15
-10
-5
0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
RF Frequency (GHz)
ChA / LO=2.2GHz
ChA / LO=2.6GHz
ChB / LO=2.2GHz
ChB / LO=2.6GHz
-35
-30
-25
-20
-15
-10
-5
0
84
104
124
144
164
184
204
224
244
264
284
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-35
-30
-25
-20
-15
-10
-5
0
176
196
216
236
256
276
296
316
336
356
376
IF Frequency (MHz)
G-20
G10
G15
G17
G20
G23
G25
G27
-30
-25
-20
-15
-10
-5
0
1.7
1.9
2.1
2.3
2.5
2.7
2.9
3.1
LO Frequency (GHz)
LO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com