Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button F0502 Datasheet HTML 26Page - Integrated Device Technology F0502 Datasheet HTML 27Page - Integrated Device Technology F0502 Datasheet HTML 28Page - Integrated Device Technology F0502 Datasheet HTML 29Page - Integrated Device Technology F0502 Datasheet HTML 30Page - Integrated Device Technology F0502 Datasheet HTML 31Page - Integrated Device Technology F0502 Datasheet HTML 32Page - Integrated Device Technology F0502 Datasheet HTML 33Page - Integrated Device Technology F0502 Datasheet HTML 34Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
30
Rev1, April 2014
IDTF0562NLGI
Datasheet
F0552NBGI
Advance Datasheet
APPLICATIONS INFORMATION
Power Supplies
A common VCC power supply should be used for all pins requiring DC power. All supply pins should be
bypassed with external capacitors to minimize noise and fast transients. Supply noise can degrade noise figure
and fast transients can trigger ESD clamps and cause them to fail. Supply voltage change or transients should
have a slew rate smaller than 1V/20uS. In addition, all control pins should remain at 0V (+/-0.3V) while the
supply voltage ramps or while it returns to zero.
Control Pin Interface
If control signal integrity is a concern and clean signals cannot be guaranteed due to overshoot, undershoot,
ringing, etc., provisions for an R-C circuit at the input of each control and data pin is recommended. This
applies to pins 8, 9, 10, 18 - 23, and 63 - 68 as shown below.
IDTF0552/0502/0562NLGI
8
9
10
11
12
13
14
15
16
17
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
B5
B4
B3
B2
B1
B0
TDD_A
LCmode
TDD_B
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
1
2
3
4
5
6
7
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
A3
A5
A2
A4
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
5Kohm
2pf
A1
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com