Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0502 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # F0502
Description  Sampling IF Receiver 2300MHz to 2700MHz
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F0502 Datasheet(HTML) 4 Page - Integrated Device Technology

  F0502 Datasheet HTML 1Page - Integrated Device Technology F0502 Datasheet HTML 2Page - Integrated Device Technology F0502 Datasheet HTML 3Page - Integrated Device Technology F0502 Datasheet HTML 4Page - Integrated Device Technology F0502 Datasheet HTML 5Page - Integrated Device Technology F0502 Datasheet HTML 6Page - Integrated Device Technology F0502 Datasheet HTML 7Page - Integrated Device Technology F0502 Datasheet HTML 8Page - Integrated Device Technology F0502 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Sampling IF Receiver
2300MHz to 2700MHz
FlatNoise
TM, Zero-DistortionTM, SIF Rx
4
Rev1, April 2014
IDTF0562NLGI
Datasheet
F0552NBGI
Advance Datasheet
TRUTH TABLE – CHANNEL A & B
Gain Set
Target
Gain
CodeWord
Code
Name
Gain Set
Target
Gain
CodeWord
Code
Name
Gain Set
Target
Gain
CodeWord
Code
Name
27
000000
G27
5
010110
G5
-17
101100
G-17
26
000001
G26
4
010111
G4
-18
101101
G-18
25
000010
G25
3
011000
G3
-19
101110
G-19
24
000011
G24
2
011001
G2
-20
101111
G-20
23
000100
G23
1
011010
G1
-20
110000
G-20
22
000101
G22
0
011011
G0
-20
110001
G-20
21
000110
G21
-1
011100
G-1
-20
110010
G-20
20
000111
G20
-2
011101
G-2
-20
110011
G-20
19
001000
G19
-3
011110
G-3
-20
110100
G-20
18
001001
G18
-4
011111
G-4
-20
110101
G-20
17
001010
G17
-5
100000
G-5
-20
110110
G-20
16
001011
G16
-6
100001
G-6
-20
110111
G-20
15
001100
G15
-7
100010
G-7
-20
111000
G-20
14
001101
G14
-8
100011
G-8
-20
111001
G-20
13
001110
G13
-9
100100
G-9
-20
111010
G-20
12
001111
G12
-10
100101
G-10
-20
111011
G-20
11
010000
G11
-11
100110
G-11
-20
111100
G-20
10
010001
G10
-12
100111
G-12
-20
111101
G-20
9
010010
G9
-13
101000
G-13
-20
111110
G-20
8
010011
G8
-14
101001
G-14
-20
111111
G-20
7
010100
G7
-15
101010
G-15
6
010101
G6
-16
101011
G-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com