Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWT802-SB Datasheet(PDF) 1 Page - Seoul Semiconductor

Part # SWT802-SB
Description  Applicable for automotive exterior light
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SWT802-SB Datasheet(HTML) 1 Page - Seoul Semiconductor

  SWT802-SB Datasheet HTML 1Page - Seoul Semiconductor SWT802-SB Datasheet HTML 2Page - Seoul Semiconductor SWT802-SB Datasheet HTML 3Page - Seoul Semiconductor SWT802-SB Datasheet HTML 4Page - Seoul Semiconductor SWT802-SB Datasheet HTML 5Page - Seoul Semiconductor SWT802-SB Datasheet HTML 6Page - Seoul Semiconductor SWT802-SB Datasheet HTML 7Page - Seoul Semiconductor SWT802-SB Datasheet HTML 8Page - Seoul Semiconductor SWT802-SB Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Product Brief
Description
제품사진
•아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅
팀에 의뢰
•고해상도
•흰 배경
•표준크기: 제품이 가득 차게 가로 5cm 규격 으로
사각 위치에 맞게 (가로세로 비율 고정)
Key Applications
Features and Benefits
Key Message:
- ex) Enabling high flux systems while reduces LED count
- ex) Enabling compact systems with high reliability
- ex) High reliability and High quality of light
- ex) Flicker-free AC/DC LED Solution
- ex) High-efficient Dimming Solution
Product Family:
- ex) Mid-Power LED
- ex) High-Power LED for Automotive
- ex) Chip on Board
Product ID (part number):
- ex) STW8C2SA
- ex) SZ5-M0-WN-C8
Description
•
Features and Benefits
•
Key Applications
•
•표는 반드시
“Table 번호#. 표 설명” 을 제목으로 한다.
www.seoulsemicon.com
Product Data Sheet
1
SWT802-SB
– 802 Series White
Rev1.0, May 1, 2019
Applicable for automotive exterior light
TV, PC, NB,
MNT, Mobile
Automotive
Lighting, MR16, PAR,
down light
Bulb, LFT
Outdoor, streetlight,
tunnel, parking
Home appliance
Architectural,
Entertainment
Sign, Channel
Sensor, Torch
Application 응용제품 아이콘 삽입
AEC-Q101
RoHS
•
This white colored surface-mount LED
comes in standard package dimension.
Package Size: 3.5x2.8x1.9mm
•
It has a substrate made up of a molded
plastic reflector sitting on top of a lead
frame.
•
The die is attached within the reflector
cavity and the cavity is encapsulated by
silicone.
•
The package design coupled with
careful selection of component
materials allow these products to
perform with high reliability.
•
PLCC4 white color
•
ESD class 2
•
MSL level 2
•
Viewing angle 120
˚
•
AEC-Q101 qualified
•
RoHS compliant
•
Automotive lighting
•
License plate lamp
•
Interior automotive
•
Electronic sign and signals
802 Series White
SWT802-SB / STW0A14AB


Similar Part No. - SWT802-SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SWT805-S SEOUL-SWT805-S Datasheet
792Kb / 17P
surface-mount LED
More results

Similar Description - SWT802-SB

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAT802-SB SEOUL-SAT802-SB Datasheet
890Kb / 24P
Applicable for automotive Exterior light
STR0G16AB SEOUL-STR0G16AB Datasheet
853Kb / 24P
Applicable for automotive exterior light
STY0G16A SEOUL-STY0G16A Datasheet
838Kb / 25P
Applicable for automotive exterior light
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
Applicable for automotive Exterior light
SZ5-L1-W0-00 SEOUL-SZ5-L1-W0-00 Datasheet
804Kb / 24P
Applicable for automotive exterior light
SZ5-P0-W0-00 SEOUL-SZ5-P0-W0-00 Datasheet
1Mb / 24P
Applicable for automotive exterior light
SZ5-P0-WN-00 SEOUL-SZ5-P0-WN-00 Datasheet
1,023Kb / 24P
Applicable for automotive exterior light
SNW0ND08S SEOUL-SNW0ND08S Datasheet
886Kb / 19P
Applicable for automotive Exterior light
STW0C1MX SEOUL-STW0C1MX Datasheet
973Kb / 24P
Applicable for automotive exterior light
STR0G16C SEOUL-STR0G16C Datasheet
873Kb / 23P
Applicable for automotive exterior light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com